Electronic Components Datasheet Search
  English  ▼

X  

74ALS253 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS253
Description  Dual 4-input multiplexer 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS253 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS253 Datasheet HTML 1Page - NXP Semiconductors 74ALS253 Datasheet HTML 2Page - NXP Semiconductors 74ALS253 Datasheet HTML 3Page - NXP Semiconductors 74ALS253 Datasheet HTML 4Page - NXP Semiconductors 74ALS253 Datasheet HTML 5Page - NXP Semiconductors 74ALS253 Datasheet HTML 6Page - NXP Semiconductors 74ALS253 Datasheet HTML 7Page - NXP Semiconductors 74ALS253 Datasheet HTML 8Page - NXP Semiconductors 74ALS253 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
74ALS253
Dual 4-input multiplexer (3-State)
2
1991 Feb 08
853–1378 01670
FEATURES
3-State outputs for bus interface and multiplex operation
Common select inputs
Separate output enable inputs
DESCRIPTION
The 74ALS253 has two identical 4-input multiplexers with 3-State
outputs which select 2 bits from four sources by using common
select input (S0, S1). When the individual output enable (OEa,
OEb) inputs of the 4-input multiplexers are High, the outputs are
forced to a High impedance (Z) state.
The 74ALS253 is the logic implementation of 2-pole, 4-position
switch being determined by the logic levels supplied to the common
select inputs.
To avoid exceeding the maximum current ratings when the outputs
of the 3-State devices are tied together, all but one device must be
in the High impedance state. Therefore, only one output enable
must be achieved at a time.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS253
7.0ns
8mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Ya
VCC
I2b
I1b
I0b
I3b
OEb
S0
OEa
S1
I0a
I3a
I2a
I1a
9
8
GND
Yb
SF00798
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
74ALS253N
SOT38-4
16-pin plastic SO
74ALS253D
SOT109-1
16-pin plastic SSOP
Type II
74ALS253DB
SOT338-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
I0a – I3a
Port A data inputs
1.0/1.0
20
µA/0.1mA
I0b – I3b
Port B data inputs
1.0/1.0
20
µA/0.1mA
S0, S1
Common select inputs
1.0/1.0
20
µA/0.1mA
OEa
Port A Output Enable input (active-Low)
1.0/1.0
20
µA/0.1mA
OEb
Port B Output Enable input (active-Low)
1.0/1.0
20
µA/0.1mA
Ya – Yb
3-State outputs
130/240
2.6mA/24mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
3
4
5
VCC = Pin 16
GND = Pin 8
SF00799
9
7
14
2
1
S0
S1
OEa
15
6
13
12
11
10
OEb
Ya
Yb
I0a
I1a
I2a
I3a
I0b
I1b
I2b
I3b
IEC/IEEE SYMBOL
SC00073
MUX
1
6
15
10
11
7
9
0
5
2
EN
4
3
13
12
1
3
0
G
0
3
2
14
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com