Electronic Components Datasheet Search
  English  ▼

X  

74ALS244AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALS244AD
Description  Octal buffer 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS244AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALS244AD Datasheet HTML 1Page - NXP Semiconductors 74ALS244AD Datasheet HTML 2Page - NXP Semiconductors 74ALS244AD Datasheet HTML 3Page - NXP Semiconductors 74ALS244AD Datasheet HTML 4Page - NXP Semiconductors 74ALS244AD Datasheet HTML 5Page - NXP Semiconductors 74ALS244AD Datasheet HTML 6Page - NXP Semiconductors 74ALS244AD Datasheet HTML 7Page - NXP Semiconductors 74ALS244AD Datasheet HTML 8Page - NXP Semiconductors 74ALS244AD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
74ALS244A/74ALS244A-1
Octal buffer (3-State)
1991 Feb 08
3
LOGIC DIAGRAM
VCC = Pin 20
Ia0
SF00230
OEa
Ia3
Ia2
Ia1
2
4
6
8
1
Ya0
Ya1
Ya2
Ya3
18
16
14
12
Ib0
Ib1
Ib2
Ib3
OEb
17
15
13
11
19
3
5
7
9
Yb0
Yb1
Yb2
Yb3
GND = Pin 10
FUNCTION TABLE
INPUTS
OUTPUTS
OEa
Ia
OEb
Ib
Ya
Yb
L
L
L
L
L
L
L
H
L
H
H
H
H
X
H
X
Z
Z
H = High voltage level
L
= Low voltage level
X = Don’t care
Z = High impedance “off” state
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IO
Current applied to output in Low output state
All versions
48
mA
IOUT
Current applied to output in Low output state
-1 version
96
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–15
mA
IO
Low level output current
All versions
24
mA
IOL
Low-level output current
-1 versions
481
mA
Tamb
Operating free-air temperature range
0
+70
°C
NOTES:
1. The 48mA limit applies only under the condition of VCC = 5.0V ± 5%.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com