Electronic Components Datasheet Search
  English  ▼

X  

MPC860 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # MPC860
Description  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button MPC860 Datasheet HTML 61Page - NXP Semiconductors MPC860 Datasheet HTML 62Page - NXP Semiconductors MPC860 Datasheet HTML 63Page - NXP Semiconductors MPC860 Datasheet HTML 64Page - NXP Semiconductors MPC860 Datasheet HTML 65Page - NXP Semiconductors MPC860 Datasheet HTML 66Page - NXP Semiconductors MPC860 Datasheet HTML 67Page - NXP Semiconductors MPC860 Datasheet HTML 68Page - NXP Semiconductors MPC860 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
65
UTOPIA AC Electrical Specifications
Figure 69 shows the I2C bus timing.
Figure 69. I2C Bus Timing Diagram
12 UTOPIA AC Electrical Specifications
Table 28 shows the AC electrical specifications for the UTOPIA interface.
Table 28. UTOPIA AC Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (Internal clock option)
Output
—
3.5
ns
Duty cycle
50
50
%
Frequency
—50
MHz
U1a
UtpClk rise/fall time (external clock option)
Input
—
3.5
ns
Duty cycle
40
60
%
Frequency
—50
MHz
U2
RxEnb and TxEnb active delay
Output
2
16
ns
U3
UTPB, SOC, Rxclav and Txclav setup time
Input
8
—
ns
U4
UTPB, SOC, Rxclav and Txclav hold time
Input
1
—
ns
U5
UTPB, SOC active delay (and PHREQ and PHSEL active delay in
MPHY mode)
Output
2
16
ns
SCL
202
205
203
207
204
208
206
209
211
210
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com