Electronic Components Datasheet Search
  English  ▼

X  

BF01 Datasheet(PDF) 2 Page - AVX Corporation

Part # BF01
Description  Radial Leads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

BF01 Datasheet(HTML) 2 Page - AVX Corporation

  BF01 Datasheet HTML 1Page - AVX Corporation BF01 Datasheet HTML 2Page - AVX Corporation BF01 Datasheet HTML 3Page - AVX Corporation BF01 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12.7 (0.500)
±0.2 (0.008)
12.7 (0.500)
±1.0 (0.039)
4.0 (0.157)
±0.3 (0.012)
5.08 (0.200)
Thermoadhesive tape
(Other sizes according to standard CEI : 286-2)
Dimensions: millimeters (inches)
BF 01/02/07/06/05/04: Radial Leads
CPM-83 — (pitch = 5.08mm / 0.200 inches)
Case
Quantity
Reel
Ammopack
Bulk
Suffix
DB
DD
DA
DC
- -
x
panasert
avisert
panasert
avisert
USA Std.
Europe /
Asia
Std.
01
2500
2500
1000
5000
02
1800
2000
1000
3800
07
1200
1250
1000
2500
06
900
1100
1000
1500
05
900
1100
1000
1500
04
750
750
1000
1000
Panasert
Avisert
H
16.5 ± 0.30
19.5 ± 0.50
(0.65 ± 0.012)
(0.768 ± 0.020)
Measurement
Capacitance
DF:
Frequency
Performance
Category 2
1kHz
CR ≤ 1µF
≤ 1.0%
100 Hz
CR> 1µF
≤ 1.0%
Measuring
CR <= 0.33µF
CR > 0.33µF
Points
IR min (G
Ω)
IR * CR min
(M
Ω * µF)
Performance Class
Performance Class
22
Between
VR-
VR-
VR-
VR-
Terminals
≤ 100V
> 100V
≤ 100V
> 100V
3.75
7.5
1.25
2.5
Between
≥ 30,000 MΩ
Terminals and
Ground
VR-
63
100
250
400
(dv/dt)R max
38
40
110
270
• Insulation Resistance: IR
• Tangent of Loss Angle: D.F.
PACKAGING
millimeters (inches)
Climatic Category
55/100/56 Performance Class 2
Capacitance Range
C
R 1nF to 2.2µF (E12)
Tolerances on C
R
±5%; ±10%
(other values on request)
Nominal Voltages
VR_ 63/100/250/400V
VR~ 40/ 63/160/200V
Category Voltage
Vc = 0.8V
R- at 100°C
Test Voltage
Ve = 1.6V
R-/2s at 25°C
PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com