Electronic Components Datasheet Search
  English  ▼

X  

TLP3441 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3441
Description  Photocouplers Photorelay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3441 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3441 Datasheet HTML 1Page - Toshiba Semiconductor TLP3441 Datasheet HTML 2Page - Toshiba Semiconductor TLP3441 Datasheet HTML 3Page - Toshiba Semiconductor TLP3441 Datasheet HTML 4Page - Toshiba Semiconductor TLP3441 Datasheet HTML 5Page - Toshiba Semiconductor TLP3441 Datasheet HTML 6Page - Toshiba Semiconductor TLP3441 Datasheet HTML 7Page - Toshiba Semiconductor TLP3441 Datasheet HTML 8Page - Toshiba Semiconductor TLP3441 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLP3441
1
Photocouplers Photorelay
TLP3441
TLP3441
TLP3441
TLP3441
Start of commercial production
2015-02
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
ATE (Automatic Test Equipment)
•
High-Speed Logic IC Testers
•
High-Speed Memory Testers
•
Measuring Instruments
2.
2.
2.
2. General
General
General
General
The TOSHIBA TLP3441 is a very small outline non-leaded photorelay suitable for surface-mount assembly. The
TLP3441 consists of an infrared LED optically coupled to a photo-MOSFET and is housed in a VSON 4-pin
package. The TLP3441 features low output capacitance, COFF, and thus fast on/off switching of a high-frequency
signal, making it ideal for switching applications in high-speed testers.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Normally opened (1-Form-A)
(2)
OFF-state output terminal voltage: 40 V (min)
(3)
Trigger LED current: 3 mA (max)
(4)
ON-state current: 140 mA (max)
(5)
ON-state resistance: 10 Ω (max), 5 Ω (typ.)
(6)
Output capacitance: 0.7 pF(typ.), 1.3 pF(max)
(7)
Isolation voltage: 500 Vrms (min)
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
11-2D1A
1: Anode
2: Cathode
3: Drain
4: Drain
2020-02-20
Rev.9.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3440 TOSHIBA-TLP3440 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-19 Rev.11.0
TLP3440S TOSHIBA-TLP3440S Datasheet
300Kb / 9P
Photocouplers Photorelay
2020-02-20 Rev.3.0
TLP3442 TOSHIBA-TLP3442 Datasheet
290Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results

Similar Description - TLP3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com