Electronic Components Datasheet Search
  English  ▼

X  

EM61300 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM61300
Description  8-Channel Wave-Table Music Synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM61300 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM61300 Datasheet HTML 2Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 3Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 4Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 5Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 6Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 7Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 8Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 9Page - ELAN Microelectronics Corp EM61300 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Specifications* for
EM61000
8-Channel Wave-Table Music Synthesizer
11.APPLICATION CIRCUIT
EM61001 Application circuit
VCC
40PF
4MHz
8050
VSS
VCC
820
Ω
0.1
µ
OSCO
OSCI
RESET
VO1
VDD
8×8
keyboard
P1.0
:
:
P1.7
P2.0
:
:
P2.7
P3.0
:
:
P3.7
EM61002 Application circuit
VCC
VCC
40PF
4MHz
P2.0
:
:
:
P2.7
OSCO
OSCI
RESET
VO1
0.1
µ
820
Ω
VCC
VCC
8050
VSS
VDD
* This specification are subject to be changed without notice.
4.9.2003 (V1.3)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com