Electronic Components Datasheet Search
  English  ▼

X  

J271 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # J271
Description  P-Channel JFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

J271 Datasheet(HTML) 3 Page - Vishay Siliconix

  J271 Datasheet HTML 1Page - Vishay Siliconix J271 Datasheet HTML 2Page - Vishay Siliconix J271 Datasheet HTML 3Page - Vishay Siliconix J271 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
J/SST270 Series
Vishay Siliconix
Document Number: 70258
S-04233—Rev. D, 02-Jul-01
www.vishay.com
8-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
2.0 V
Output Characteristics
VDS – Drain-Source Voltage (V)
0.6 V
0.8 V
–2
0
–0.6
–0.8
–1
–1.6
–1.2
–0.8
–0.4
0
–0.4
–0.2
VGS(off) = 1.5 V
VGS = 0 V
0.4 V
Output Characteristics
VDS – Drain-Source Voltage (V)
1.0 V
1.5 V
2.0 V
–2
0
–0.3
–0.4
–0.5
–1.6
–1.2
–0.8
–0.4
0
–0.2
–0.1
VGS(off) = 3 V
VGS = 0 V
Output Characteristics
VDS – Drain-Source Voltage (V)
1.5 V
0.5 V
–25
0
–12
–16
–20
–20
–15
–10
–5
0
–8
–4
VGS(off) = 3 V
VGS = 0 V
1.0 V
0
0
0.2
0.4
0.6
0.8
1.0
–2
–4
–6
–8
–10
VGS – Gate-Source Voltage (V)
TA = –55_C
125
_C
Transfer Characteristics
0
01
23
45
–8
–16
–24
–32
–40
Transfer Characteristics
TA = –55_C
125
_C
VGS – Gate-Source Voltage (V)
Capacitance vs. Gate-Source Voltage
VGS – Gate-Source Voltage (V)
VDS = 0 V
f = 1 MHz
Ciss
Crss
30
012
16
820
24
12
6
0
18
4
0.2 V
0.5 V
25
_C
VDS = –15 V
VGS(off) = 1.5 V
25
_C
VDS = –15 V
VGS(off) = 3 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com