Electronic Components Datasheet Search
  English  ▼

X  

1732001 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1732001
Description  Quick coupling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1732001 Datasheet(HTML) 1 Page - Festo Corporation.

  1732001 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quick coupling
EAMC-42-50-9-12
Part number: 1732001
Data sheet
Feature
Value
Diameter of holder 1
9 mm
Diameter of holder 2
12 mm
Size
42
Nominal length
50 mm
Mounting position
Any
Max. rotational speed
6000 1/min
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-25 °C ... 60 °C
Relative air humidity
0 - 95 %
Ambient temperature
-25 °C ... 60 °C
Mass moment of inertia
34.8 kgmm²
Transferable torque
17 Nm
Product weight
146 g
Note on materials
RoHS-compliant
2/10/23 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 1732001

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173200 FESTO-173200 Datasheet
91Kb / 1P
Rotary actuator
More results

Similar Description - 1732001

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8154713 FESTO-8154713 Datasheet
65Kb / 1P
Quick coupling
7/21/22
3717812 FESTO-3717812 Datasheet
77Kb / 1P
Quick coupling
3717923 FESTO-3717923 Datasheet
78Kb / 1P
Quick coupling
4820335 FESTO-4820335 Datasheet
84Kb / 1P
Quick coupling
5063729 FESTO-5063729 Datasheet
78Kb / 1P
Quick coupling
5063745 FESTO-5063745 Datasheet
76Kb / 1P
Quick coupling
5070937 FESTO-5070937 Datasheet
76Kb / 1P
Quick coupling
5200227 FESTO-5200227 Datasheet
78Kb / 1P
Quick coupling
5200241 FESTO-5200241 Datasheet
79Kb / 1P
Quick coupling
5225774 FESTO-5225774 Datasheet
78Kb / 1P
Quick coupling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com