Electronic Components Datasheet Search
  English  ▼

X  

74ALS32 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALS32
Description  Quad 2-Input OR gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS32 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALS32 Datasheet HTML 1Page - NXP Semiconductors 74ALS32 Datasheet HTML 2Page - NXP Semiconductors 74ALS32 Datasheet HTML 3Page - NXP Semiconductors 74ALS32 Datasheet HTML 4Page - NXP Semiconductors 74ALS32 Datasheet HTML 5Page - NXP Semiconductors 74ALS32 Datasheet HTML 6Page - NXP Semiconductors 74ALS32 Datasheet HTML 7Page - NXP Semiconductors 74ALS32 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74ALS32
Quad 2-input OR gate
1991 Feb 08
4
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tPLH
tPHL
Propagation delay
nA, nB to nY
Waveform NO TAG
2.0
3.0
14.0
12.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.3V.
VM
VM
VM
VM
tPHL
tPLH
nA, nB
nY
SC00013
Waveform 1.
Propagation Delay for Data to Output
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00005



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com