Electronic Components Datasheet Search
  English  ▼

X  

QL65F6SA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL65F6SA
Description  InGaAlP Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL65F6SA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL65F6SA Datasheet HTML 1Page - List of Unclassifed Manufacturers QL65F6SA Datasheet HTML 2Page - List of Unclassifed Manufacturers QL65F6SA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
♦ABSOLUTE MAXIMUM RATING at Tc=25°C
Items
Symbols
Values
Unit
Optical Output Power
P
10
mW
Laser Diode Reverse
Voltage
V
2
V
Photo Diode Reverse
Voltage
V
30
V
Operating Temperature
Topr
−10 ~ +60
°C
Storage Temperature
Tstg
−40 ~ +85
°C
♦ELECTRICAL and OPTICAL CHARACTERISTICS at Tc=25°C
Items
Symbols
Min.
Typ. Max.
Unit
Condition
Optical Output Power
Po
-
10
-
mW
-
Threshold Current
Ith
-
40
50
mA
-
Operating Current
Iop
-
60
80
mA
Po = 10 mW
Operating Voltage
Vop
-
2.3
2.6
V
Po = 10 mW
Lasing Wavelength
λp
645
655
660
nm
Po = 10 mW
θ 
6
9
12
deg
Po = 10 mW
Beam Divergence
θ ⊥
24
28
35
deg
Po = 10 mW
∆θ 
-
-
±1.5
deg
Po = 10 mW
Beam Angle
∆θ ⊥
-
-
±2.5
deg
Po = 10 mW
Monitor Current
Im
0.1
0.2
0.5
mA
Po = 10 mW
Optical Distance
∆X, ∆Y, ∆Z
-
-
±60
µm
The above product specifications are subject to change without notice.
NOTICE : QL65F6SA to be operated on APC circuit.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com