Electronic Components Datasheet Search
  English  ▼

X  

TPPM0303 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0303
Description  250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0303 Datasheet(HTML) 3 Page - Texas Instruments

  TPPM0303 Datasheet HTML 1Page - Texas Instruments TPPM0303 Datasheet HTML 2Page - Texas Instruments TPPM0303 Datasheet HTML 3Page - Texas Instruments TPPM0303 Datasheet HTML 4Page - Texas Instruments TPPM0303 Datasheet HTML 5Page - Texas Instruments TPPM0303 Datasheet HTML 6Page - Texas Instruments TPPM0303 Datasheet HTML 7Page - Texas Instruments TPPM0303 Datasheet HTML 8Page - Texas Instruments TPPM0303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPPM0303
250-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT
SLVS364 – FEBRUARY 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 1. Input Selection
INPUT VOLTAGE STATUS
(V)
INPUT SELECTED
OUTPUT
(V)
OUTPUT
(I)
5VCC
5VAUX
3.3VAUX
5VCC/5VAUX/3.3VAUX
3.3VOUT
IL (mA)
0
0
0
None
0
0
0
0
3.3
3.3VAUX
3.3
250
0
5
0
5VAUX
3.3
250
0
5
3.3
5VAUX
3.3
250
5
0
0
5VCC
3.3
250
5
0
3.3
5VCC
3.3
250
5
5
0
5VCC
3.3
250
5
5
3.3
5VCC
3.3
250
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, 5-V main input, V(5VCC) (see Notes 1 and 2)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Auxiliary voltage, 5-V input, V(5VAUX) (see Notes 1 and 2)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Auxiliary voltage, 3.3-V input, V(3.3VAUX) (see Notes 1 and 2)
5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3-V output current limit, I(LIMIT)
1.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation (low-K), PD (see Note 3)
0.625 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge susceptibility, human body model, V(HBMESD)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–5
°C to 120°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 second), T(LEAD)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Absolute negative voltage on these terminal should not be below –0.5 V.
3. The device derates with increase in ambient temperature, TA. See Thermal Information section.
recommended operating conditions
MIN
TYP
MAX
UNIT
5-V main input, V(5VCC)
4.5
5.5
V
5-V auxiliary input, V(5VAUX)
4.5
5.5
V
3.3-V auxiliary input, V(3.3VAUX)
3
3.6
V
Load capacitance, CL
4.23
4.7
5.17
µF
Load current, IL
0
250
mA
Ambient temperature, TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com