Electronic Components Datasheet Search
  English  ▼

X  

P4KA13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P4KA13
Description  Automotive Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4KA13 Datasheet(HTML) 1 Page - Vishay Siliconix

  P4KA13 Datasheet HTML 1Page - Vishay Siliconix P4KA13 Datasheet HTML 2Page - Vishay Siliconix P4KA13 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P4KA6.8 thru P4KA43A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88364
www.vishay.com
03-May-02
1
Automotive Transient Voltage Suppressors
Breakdown Voltage 6.8 to 43V
Peak Pulse Power 400W
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000
µs
waveform(1) (Fig. 1)
PPPM
Minimum 400
W
Peak pulse current with a 10/1000
µs waveform(1) (Fig.3)
IPPM
See Next Table
A
Steady state power dissipation at TL = 75°C
lead lengths 0.375" (9.5mm)(2)
PM(AV)
1.0
W
Peak forward surge current, 8.3ms single half sine-wave (3)
IFSM
40
A
Maximum instantaneous forward voltage at 25A
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
–65 to +185
°C
Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2
(2) Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
Patented*
Available in uni-directional only
Dimensions in inches and (millimeters)
*Patent #’s 4,980,315
5,166,769
5,278,094
DO-204AL (DO-41)
Features
• Plastic package has underwriters laboratory
flammability classification 94V-0
• Designed for under the hood applications
• Exclusive patented PAR® oxide-passivated chip
construction
• 400W peak pulse power capability with a
10/1000
µs waveform, repetition rate (duty cycle):
0.01%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• For devices with V(BR)
≥ 10V, ID are typically less
than 1.0
µA at TA = 150°C
• High temperature soldering guaranteed:
300°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3 kg) tension
Mechanical Data
Case: JEDEC DO-204AL molded plastic body over
passivated junction
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: The color band denotes the cathode,
which is positive with respect to the anode under
normal TVS operation
Mounting Position: Any
Weight: 0.012 oz., 0.3 g
Packaging codes/options:
1/5K per Bulk Box, 50K/box
4/5.5K per 13" Reel (52mm Tape), 22K/box
23/3K per Ammo Box (52mm Tape), 27K/box


Similar Part No. - P4KA13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KA13 VISHAY-P4KA13 Datasheet
99Kb / 5P
Automotive Transient Voltage Suppressors
21-Oct-08
P4KA13 VISHAY-P4KA13 Datasheet
86Kb / 5P
PAR Transient Voltage Suppressors
09-Feb-11
P4KA13A VISHAY-P4KA13A Datasheet
99Kb / 5P
Automotive Transient Voltage Suppressors
21-Oct-08
P4KA13A VISHAY-P4KA13A Datasheet
86Kb / 5P
PAR Transient Voltage Suppressors
09-Feb-11
More results

Similar Description - P4KA13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
Automotive Transient Voltage Suppressors
06-May-02
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
Automotive Transient Voltage Suppressors
21-Oct-08
P6KA6.8 VISHAY-P6KA6.8 Datasheet
101Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
Automotive Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
Automotive Transient Voltage Suppressors
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
Automotive Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com