Electronic Components Datasheet Search
  English  ▼

X  

ADP2504 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2504
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2504 Datasheet HTML 3Page - Analog Devices ADP2504 Datasheet HTML 4Page - Analog Devices ADP2504 Datasheet HTML 5Page - Analog Devices ADP2504 Datasheet HTML 6Page - Analog Devices ADP2504 Datasheet HTML 7Page - Analog Devices ADP2504 Datasheet HTML 8Page - Analog Devices ADP2504 Datasheet HTML 9Page - Analog Devices ADP2504 Datasheet HTML 10Page - Analog Devices ADP2504 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LT3154
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
3.3VOUT Load Step,
0.2A to 2A, VIN = 3.3V,
SYNC/MODE = 0V
Soft-Start Waveforms 3.3Ω Load
3.3VOUT Load Step,
0.15A to 1.5A, VIN = 2.5V,
SYNC/MODE = VIN
3.3VOUT Load Step,
0.2A to 2A, VIN = 3.3V,
SYNC/MODE = VIN
3.3VOUT Load Step,
0.2A to 2A, VIN = 5.0V,
SYNC/MODE = VIN
(TA = 25°C, VIN = 3.6, VOUT = 3.3V unless otherwise specified)
RT vs Frequency
RT (k )
25 50 75 100 125 150 175 200 225 250 275
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3154 G22
200 s/DIV
3154 G17
INDUCTOR CURRENT
2A/DIV
LOAD CURRENT
2A/DIV
VOUT
0.5V/DIV
FRONT PAGE APPLICATION
200 s/DIV
3154 G18
INDUCTOR CURRENT
2A/DIV
LOAD CURRENT
2A/DIV
VOUT
0.5V/DIV
FRONT PAGE APPLICATION
200 s/DIV
3154 G19
INDUCTOR CURRENT
2A/DIV
LOAD CURRENT
2A/DIV
VOUT
0.5V/DIV
FRONT PAGE APPLICATION
200 s/DIV
3154 G20
INDUCTOR CURRENT
2A/DIV
LOAD CURRENT
2A/DIV
VOUT
0.5V/DIV
FRONT PAGE APPLICATION
1ms/DIV
3154 G21
INDUCTOR CURRENT
1A/DIV
EN/UVLO
2V/DIV
SS
0.5V/DIV
VOUT
2V/DIV
CSS = 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com