Electronic Components Datasheet Search
  English  ▼

X  

TLP4590AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP4590AF
Description  Photocouplers Photorelay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4590AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP4590AF Datasheet HTML 1Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 2Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 3Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 4Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 5Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 6Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 7Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 8Page - Toshiba Semiconductor TLP4590AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLP4590A,TLP4590AF
1
Photocouplers Photorelay
TLP4590A,TLP4590AF
Start of commercial production
2021-03
1. Applications
•
Heating, ventilation and air conditioning (HVAC)
•
Security Systems
•
Factory Automation (FA)
•
Power supplies
•
Measuring Instruments
•
Mechanical relay replacements
2. General
The TLP4590A and TLP4590AF photorelay consists of a photo MOSFET optically coupled to an infrared light
emitting diode. It is housed in a 6-pin DIP package.
The TLP4590A and TLP4590AF are suitable for replacement of mechanical relays in many applications which
require space savings.
3. Features
(1)
Normally closed (1-Form-B)
(2)
OFF-state output terminal voltage: 60 V (min)
(3)
Trigger LED current: 2 mA (max)
(4)
ON-state current: 1.2 A (max) (Ta = 25 �)
(5)
ON-state resistance: 0.6 Ω (max)
(6)
Isolation voltage: 5000 Vrms (min)
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
(Note 1):When a VDE approved type is needed, please designate the Option (D4).
4. Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm pitch
TLP4590A
7.0 (min)
7.0 (min)
0.3 (min)
10.16-mm pitch
TLP4590AF
8.0 (min)
8.0 (min)
0.3 (min)
Unit
mm
2022-10-28
Rev.8.0
©2020-2022
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP4590AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4592G TOSHIBA-TLP4592G Datasheet
217Kb / 6P
The Toshiba TLP4592G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package.
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
More results

Similar Description - TLP4590AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com