Electronic Components Datasheet Search
  English  ▼

X  

74ALS377D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALS377D
Description  Octal D flip-flop with enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS377D Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALS377D Datasheet HTML 1Page - NXP Semiconductors 74ALS377D Datasheet HTML 2Page - NXP Semiconductors 74ALS377D Datasheet HTML 3Page - NXP Semiconductors 74ALS377D Datasheet HTML 4Page - NXP Semiconductors 74ALS377D Datasheet HTML 5Page - NXP Semiconductors 74ALS377D Datasheet HTML 6Page - NXP Semiconductors 74ALS377D Datasheet HTML 7Page - NXP Semiconductors 74ALS377D Datasheet HTML 8Page - NXP Semiconductors 74ALS377D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALS377
Octal D flip-flop with enable
1991 Feb 08
3
LOGIC DIAGRAM
DQ
CP
D
CP
D
CP
DQ
CP
Q
Q
34
7
8
11
Q0
Q1
Q2
Q3
CP
D0
D1
D2
D3
DQ
CP
D
CP
D
CP
DQ
CP
Q
Q
13
14
17
18
D4
D5
D6
D7
1
2
5
6
9
12
15
16
19
Q4
Q5
Q6
Q7
E
SF00353
VCC = Pin 20
GND = Pin 10
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
E
CP
Dn
Qn
OPERATING MODE
l
↑
h
H
Load “1”
l
↑
l
L
Load “0”
h
↑
X
NC
Hold (do nothing)
H
X
X
NC
Hold (do nothing)
H = High-voltage level
h
= High state must be present one setup time before the Low-to-High clock transition
L
= Low-voltage level
l
= Low state must be present one setup time before the Low-to-High clock transition
NC= No change
X = Don’t care
↑ = Low-to-High clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com