Electronic Components Datasheet Search
  English  ▼

X  

AL5873 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL5873
Description  55V/250mA THREE-CHANNEL LINEAR LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5873 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL5873 Datasheet HTML 8Page - Diodes Incorporated AL5873 Datasheet HTML 9Page - Diodes Incorporated AL5873 Datasheet HTML 10Page - Diodes Incorporated AL5873 Datasheet HTML 11Page - Diodes Incorporated AL5873 Datasheet HTML 12Page - Diodes Incorporated AL5873 Datasheet HTML 13Page - Diodes Incorporated AL5873 Datasheet HTML 14Page - Diodes Incorporated AL5873 Datasheet HTML 15Page - Diodes Incorporated AL5873 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AL5873
Document number: DS44751 Rev. 1 - 2
13 of 16
www.diodes.com
March 2022
© Diodes Incorporated
AL5873
Application and Implementation
For many automobiles, the same set of LEDs function as both tail lights and stop lights. Thus, the LEDs must operate at two different brightness
levels. The AL5873 can be used in stop/tail applications where the LED current is switched between a high current (indicating stop or brake) and a
low current (for normal tail light operation). Figure 6 illustrates the recommended way to configure the AL5873 for stop/tail applications, and the
RPWM and RFULL with 10kΩ or larger one are recommended to reduce the influence of power supply variation.
PWM
GND
LED1
LED2
VIN
CIN
Tail
AL5873
FULL
RREF1
REF1
LED3
FAULTB
ADIM
RREF2
REF2
Stop
RFULL
RPWM
Battery
BCM
Figure 6. Stop/Tail Light Application Circuit through FULL pin
The stop light LED current per channel is set by RREF2, and the tail light LED current is set by RREF1. When the LED lamps work as stop light, the
FULL is pulled high and higher LED current is set by RREF2. When the LED lamps work as tail light, the FULL is pulled low and lower LED current
is set by RREF1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com