Electronic Components Datasheet Search
  English  ▼

X  

74ALS38 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALS38
Description  Quad 2-Input NAND buffer open collector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS38 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALS38 Datasheet HTML 1Page - NXP Semiconductors 74ALS38 Datasheet HTML 2Page - NXP Semiconductors 74ALS38 Datasheet HTML 3Page - NXP Semiconductors 74ALS38 Datasheet HTML 4Page - NXP Semiconductors 74ALS38 Datasheet HTML 5Page - NXP Semiconductors 74ALS38 Datasheet HTML 6Page - NXP Semiconductors 74ALS38 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
74ALS38A
Quad 2-input NAND buffer (open collector)
1991 Feb 08
3
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
48
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIk
Input clamp current
–18
mA
VOH
High-level output voltage
5.5
V
IOL
Low-level output current
24
mA
Tamb
Operating free-air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
IOH
High-level output current
VCC = MIN, VIL = MAX, VIH = MIN, VOH = MAX
100
µA
VO
Low level output voltage
VCC = MIN, VIL = MAX,
IOL = 12mA
0.25
0.40
V
VOL
Low-level output voltage
CC
,
IL
,
VIH = MIN
IOL = 24mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.5
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
0.1
mA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.1
mA
ICC
Supply current (total)
ICCH
VCC = MAX
VI = GND
0.65
1.6
mA
ICC
Supply current (total)
ICCL
VI = 4.5V
6.5
9.0
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com