Electronic Components Datasheet Search
  English  ▼

X  

ACG0806U Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACG0806U
Description  UWB: 3.3 – 7.2 GHz Chip Antenna
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACG0806U Datasheet(HTML) 2 Page - Abracon Corporation

  ACG0806U Datasheet HTML 1Page - Abracon Corporation ACG0806U Datasheet HTML 2Page - Abracon Corporation ACG0806U Datasheet HTML 3Page - Abracon Corporation ACG0806U Datasheet HTML 4Page - Abracon Corporation ACG0806U Datasheet HTML 5Page - Abracon Corporation ACG0806U Datasheet HTML 6Page - Abracon Corporation ACG0806U Datasheet HTML 7Page - Abracon Corporation ACG0806U Datasheet HTML 8Page - Abracon Corporation ACG0806U Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-23-22
For terms and conditions of sales, please visit:
www.abracon.com
UWB: 3.3 – 7.2 GHz Chip Antenna
ACG0806U
8.0 x 6.0 x 1.2mm
RoHS Compliant
MSL Level = 1
Request Samples
Check Inventory
Parameters
Min
Typ
Max
Unit
Notes
Operating Frequency
3300
-----
7200
MHz
-----
Band Width
-----
4000
-----
MHz
-----
VSWR
-----
-----
3.5
-----
-----
Polarization
Linear
-----
-----
Azimuth Beam width
Omni-directional
-----
-----
Impedance
-----
50
-----
Ω
-----
Parameters
Specifications
Filter Dimension
8.0 x 6.0 x 1.2 mm
Mounting Type
SMD Mount
Material Type
Ceramic
Parameters
Specifications
Operating Temperature Range
-40 ºC ~ +100 ºC
Storage Temperature Range
-40 ºC ~ +100 ºC
MSL level
1
ESD
N/A
Temperature range
25±5 ℃
Relative Humidity range
90 ~ 95 %
Electrical Specifications
Mechanical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com