Electronic Components Datasheet Search
  English  ▼

X  

74ALS373DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS373DB
Description  Latch/flip-flop
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS373DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS373DB Datasheet HTML 1Page - NXP Semiconductors 74ALS373DB Datasheet HTML 2Page - NXP Semiconductors 74ALS373DB Datasheet HTML 3Page - NXP Semiconductors 74ALS373DB Datasheet HTML 4Page - NXP Semiconductors 74ALS373DB Datasheet HTML 5Page - NXP Semiconductors 74ALS373DB Datasheet HTML 6Page - NXP Semiconductors 74ALS373DB Datasheet HTML 7Page - NXP Semiconductors 74ALS373DB Datasheet HTML 8Page - NXP Semiconductors 74ALS373DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
74ALS373/74ALS374
Latch/flip-flop
74ALS373
Octal transparent latch (3-State)
74ALS374
Octal D flip-flop (3-State)
2
1991 Feb 08
853–1243 01670
FEATURES
• 8-bit transparent latch – 74ALS373
• 8-bit positive edge triggered register – 74ALS374
• 3-State output buffers
• Common 3-State output register
• Independent register and 3-State buffer operation
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS373
6.0ns
14mA
TYPE
TYPICAL
fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS374
50MHz
17mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
20-pin plastic DIP
74ALS373N, 74ALS374N
SOT146-1
20-pin plastic SOL
74ALS373D, 74ALS374D
SOT163-1
20-pin plastic SSOP
Type II
74ALS373DB, 74ALS374DB
SOT339-1
DESCRIPTION
The 74ALS373 is an octal transparent latch coupled to eight 3-State
output devices. The two sections of the device are controlled
independently by enable (E) and output enable (OE) control gates.
The data on the D inputs is transferred to the latch outputs when the
enable (E) input is High. The latch remains transparent to the data
input while E is High, and stores the data that is present one setup
time before the High-to-Low enable transition.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors.
The active-Low output enable (OE) controls all eight 3-State buffers
independent of the latch operation. When OE is Low, latched or
transparent data appears at the output.
When OE is High, the outputs are in High impedance “off” state,
which means they will neither drive nor load the bus.
The 74ALS374 is an 8-bit edge triggered register coupled to eight
3-State output buffers. The two sections of the device are controlled
independently by clock (CP) and output enable (OE) control gates.
The register is fully edge triggered. The state of the D input, one
setup time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors.
The active-Low output enable (OE) controls all eight 3-State buffers
independent of the register operation. When OE is Low, the data in
the register appears at the outputs. When OE is High, the outputs
are in High impedance “off” state, which means they will neither
drive nor load the bus.
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 – D7
Data inputs
1.0/1.0
20
µA/0.1mA
E (74ALS373)
Enable input (active-High)
1.0/1.0
20
µA/0.1mA
OE
Output enable inputs (active-Low)
1.0/1.0
20
µA/0.1mA
CP (74ALS374)
Clock pulse input (active rising edge)
1.0/1.0
20
µA/0.1mA
Q0 – Q7
3-State outputs
130/240
2.6mA/24mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com