Electronic Components Datasheet Search
  English  ▼

X  

RP0805 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # RP0805
Description  THIN FILM CHIP RESISTORS AUTOMOTIVE GRADE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RP0805 Datasheet(HTML) 3 Page - YAGEO Corporation

  RP0805 Datasheet HTML 1Page - YAGEO Corporation RP0805 Datasheet HTML 2Page - YAGEO Corporation RP0805 Datasheet HTML 3Page - YAGEO Corporation RP0805 Datasheet HTML 4Page - YAGEO Corporation RP0805 Datasheet HTML 5Page - YAGEO Corporation RP0805 Datasheet HTML 6Page - YAGEO Corporation RP0805 Datasheet HTML 7Page - YAGEO Corporation RP0805 Datasheet HTML 8Page - YAGEO Corporation RP0805 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
Product specification
3
9
SERIES
RP
0402 to 1206
Jul. 25, 2022 V.0
www.yageo.com
MARKING
RP0402
No marking
RP0603
E-96 series: including values 10/11/13/15/20/75 of E-24 series, 3 digits
E-24 series: exception values 10/11/13/15/20/75 of E-24 series, one short bar
under marking letter
RP0805 / RP1206
Both E-24 and E-96 series: 4 digits
First three digits for significant figure and 4th digit for number of zeros
NOTE
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 4 Value = 10 KΩ
YNSC004
00
Fig. 1
ynsc007
CONSTRUCTION
The resistors are constructed out of a high
grade ceramic body. Internal metal
electrodes are added at each end
connected by a resistive layer.
This resistive layer is trimmed to its
nominal value and on both ends a contact
is made which will guarantee optimum
solderability. This is achieved by applying
several layers and for ease of soldering the
outer layer consists of Ni/matte tin.
Adding a special protective layer,
passivation coating, on this series to
enhance moisture resistance of the
environment.
protective coat
marking layer
resistive layer
inner electrode
termination (Ni / matte tin)
ceramic substrate
H
I2
YNSC064
W
L
I1
Fig. 5 Chip resistor outlines
Fig. 2
Value = 12.4 Ω
Fig. 3
Value = 56 KΩ
ynsc003
563
O
OU
UT
TL
LIIN
NE
ES
S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com