Electronic Components Datasheet Search
  English  ▼

X  

74ALS652 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS652
Description  Transceiver/register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS652 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS652 Datasheet HTML 1Page - NXP Semiconductors 74ALS652 Datasheet HTML 2Page - NXP Semiconductors 74ALS652 Datasheet HTML 3Page - NXP Semiconductors 74ALS652 Datasheet HTML 4Page - NXP Semiconductors 74ALS652 Datasheet HTML 5Page - NXP Semiconductors 74ALS652 Datasheet HTML 6Page - NXP Semiconductors 74ALS652 Datasheet HTML 7Page - NXP Semiconductors 74ALS652 Datasheet HTML 8Page - NXP Semiconductors 74ALS652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Product specification
74ALS651/74ALS651-1
74ALS652/74ALS652-1
Transceiver/register
1991 Feb 08
5
LOGIC DIAGRAM – 74ALS651/651-1
VCC = Pin 24
GND = Pin 12
A0
OEBA
B0
1D
C1
1D
C1
1 OF 8 CHANNELS
TO 7 OTHER CHANNELS
21
4
20
3
23
22
1
2
OEAB
CPBA
SBA
SPAB
SAB
SC00134
LOGIC DIAGRAM – 74ALS652/652-1
VCC = Pin 24
GND = Pin 12
A0
OEBA
B0
1D
C1
1D
C1
1 OF 8 CHANNELS
TO 7 OTHER CHANNELS
21
4
20
3
23
22
1
2
OEAB
CPBA
SBA
SPAB
SAB
SC00135
FUNCTION TABLE
INPUTS
DATA I/O
OPERATING MODE
OEAB
OEBA
CPAB
CPBA
SAB
SBA
An
Bn
74ALS651/74ALS651-1
74ALS652/74ALS652-1
L
H
H or L
H or L
X
X
Input
Input
Isolation
Isolation
L
H
↑
↑
X
X
Input
Input
Store A and B data
Store A and B data
X
H
↑
H or L
X
X
Input
Unspecified*
Store A, hold B
Store A, hold B
H
H
↑
↑
L
X
Input
Output
Store A in both registers
Store A in both registers
L
X
H or L
↑
X
S
Unspecified*
Input
Hold A, store B
Hold A, store B
L
L
↑
↑
X
L
Output
Input
Store B in both registers
Store B in both registers
L
L
X
X
X
L
Output
Input
Real time B data to A bus
Real time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real time A data to B bus
Real time A data to B bus
H
H
H or L
X
H
X
Input
Output
Stored A data to B bus
Stored A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored A data to B bus
Stored A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored B data to A bus
Stored B data to A bus
NOTES:
H = High voltage level
L
= Low voltage level
X = Don’t care
*
= The data output function may be enabled or disabled by various signals at the OE and DIR inputs. Data input functions are always
enabled, i.e., data at the bus pins will be stored on every Low-to-High transition of the clock.
↑ = Low-to-High clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com