Electronic Components Datasheet Search
  English  ▼

X  

CMM6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMM6
Description  RC Receiver module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMM6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMM6 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM6 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM6 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary Data Sheet
CMM6
C-MAX
SPEC No.
CMM6
Revision
A.2
State
23.11.04
C-MAX printed
23.11.04
Version
English
Page
2 of 3
TECHNICAL DATA
Part Number
CMM-6-40
CMM-6-60
CMM-6-775
Receiver Carrier Frequency
40 kHz
60 kHz
77.5 kHz
Operating Voltage
1.2 V – 5.5 V
1.2 V – 5.5 V
1.2 V – 5.5 V
Current consumption at 3.0 V
< 100 uA
< 100 uA
< 100 uA
Quiescent current in standby mode
0.5 uA
0.5 uA
0.5 uA
Operating temperature range
-10 to 60
°C
-10 to 60
°C
-10 to 60
°C
Start up time
<3.5 s
<3.5 s
<3.5 s
Receiver sensitivity
- direct feed in via IN1 & IN2
< 0.6 uV
< 0.6 uV
< 0.6 uV
- via 60mm antenna* connected at
IN1 & IN2
< 30 uV/m
< 30 uV/m
< 30 uV/m
* antenna inductance with wire
∅0.23 2.33 mH
1.92 mH
1.5 mH
Output pulse widths tolerance
<
± 35 ms
<
± 35 ms
<
± 35 ms
CIRCUIT DIAGRAM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com