Electronic Components Datasheet Search
  English  ▼

X  

74ALS648D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS648D
Description  Transceiver/register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS648D Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS648D Datasheet HTML 1Page - NXP Semiconductors 74ALS648D Datasheet HTML 2Page - NXP Semiconductors 74ALS648D Datasheet HTML 3Page - NXP Semiconductors 74ALS648D Datasheet HTML 4Page - NXP Semiconductors 74ALS648D Datasheet HTML 5Page - NXP Semiconductors 74ALS648D Datasheet HTML 6Page - NXP Semiconductors 74ALS648D Datasheet HTML 7Page - NXP Semiconductors 74ALS648D Datasheet HTML 8Page - NXP Semiconductors 74ALS648D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
74ALS646/74ALS646-1
74ALS648/74ALS648-1
Transceiver/register
74ALS646/646-1
Octal transceiver/register, non-inverting (3-State)
74ALS648/648-1
Octal transceiver/register, inverting (3-State)
2
1991 Feb 08
853–1408 01670
FEATURES
• Combines 74ALS245 and two 74ALS374 type functions in
one chip
• Independent registers for A and B buses
• Multiplexed real-time and stored data
• Choice of non-inverting and inverting data paths
• 3-State outputs
• The -1 version sink 48mA I
OL within the ±5% VCC range
DESCRIPTION
The 74ALS646/74ALS646-1 and 74ALS648/74ALS648-1
transceivers/registers consist of bus transceiver circuits with 3-State
outputs, D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the input bus or the
internal registers. Data on the A or B bus will be clocked into the
registers as the appropriate clock pin goes High. Output enable
(OE) and direction (DIR) and select (SAB, SBA) pins are provided
for bus management.
The 74ALS646-1 and 74ALS648-1 will sink 48mA if the VCC is
limited to 5.0V
±0.25V.
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS646/646-1
140MHz
48mA
74ALS648/648-1
140MHz
54mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
24-pin plastic DIP
74ALS646N, 74ALS646-1N,
74ALS648N, 74ALS648-1N
SOT222-1
24-pin plastic SOL
74ALS646D, 74ALS646-1D,
74ALS648D, 74ALS648-1D
SOT137-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A7
A inputs
1.0/1.0
20
µA/0.1mA
B0 – B7
B inputs
1.0/1.0
20
µA/0.1mA
CPAB
A-to-B clock input
1.0/1.0
20
µA/0.1mA
CPBA
B-to-A clock input
1.0/1.0
20
µA/0.1mA
SAB
A-to-B select input
1.0/1.0
20
µA/0.1mA
SBA
B-to-A select input
1.0/1.0
20
µA/0.1mA
DIR
Data flow directional control input
1.0/1.0
20
µA/0.1mA
OE
Output enable input
1.0/1.0
20
µA/0.1mA
A0 – A7, B0 – B7
Data outputs
750/240
15mA/24mA
A0 – A7, B0 – B7
Data outputs (-1 version)
750/480
15mA/48mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com