Electronic Components Datasheet Search
  English  ▼

X  

CR6002AB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CR6002AB
Description  Thyristors (SiBOD Breakover Devices)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CR6002AB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CR6002AB Datasheet HTML 1Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 2Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 3Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 4Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 5Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 6Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 7Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 8Page - List of Unclassifed Manufacturers CR6002AB Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Part
Reverse
Maximum
Reverse
Maximum
Typical
Maximum
Maximum
Minimum
Typical
Number
Stand-off
Breakover
Stand-off
Breakover
Voltage
Reverse
Breakover
Holding
Cap.
Voltage
Voltage
Voltage
Voltage
Turnon
Leakage
Current
Current
@1MHz
(V
R)(VBO) @ IBO
(V
R)(VBO) @ IBO
(V
T
) @ 1A
(I
R
) @ VR
(I
BO
)
(I
H
)
2V Bias
pins 1-2 & 3-2
pins 1-3
VV
V
V
V
µA
mA
mA
pF
CR1553 AA, AB, AC
CR1803 AA, AB, AC
CR2103 AA, AB, AC
CR2353 AA, AB, AC
CR2703 AA, AB, AC
CR3203 AA, AB, AC
CR3403 AA, AB, AC
5.0
5.0
5.0
5.0
5.0
5.0
5.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
60.0
60.0
60.0
60.0
45.0
45.0
45.0
180.0
210.0
250.0
270.0
300.0
350.0
400.0
130.0
150.0
170.0
200.0
230.0
270.0
300.0
180.0
210.0
250.0
270.0
300.0
350.0
400.0
130.0
150.0
170.0
200.0
230.0
270.0
300.0
Electrical Characteristics
(3 chip)
6
To Order: 1-877-502-5500 Fax: 1-858-715-7280
Thyristors (SiBOD ™ Breakover Devices)
CR
A
Voltage
PP
Maximum
A = 50A (10 x 560
µs)
B = 100A (10 x 560
µs)
C = 500A (2 x 10
µs)
Peak Pulse
2/10µs
8/20µs
10/160µs
10/560µs
10/1000µs
AA
-
150
100
50
-
AB
-
250
150
100
-
AC
500
400
200
-
100
SiBOD
Series
TO-220
Part
Reverse
Maximum
Reverse
Maximum
Typical
Maximum
Maximum
Minimum
Typical
Number
Stand-off
Breakover
Stand-off
Breakover
Voltage
Reverse
Breakover
Holding
Cap.
Voltage
Voltage
Voltage
Voltage
Turnon
Leakage
Current
Current
@1MHz
(V
R)(VBO) @ IBO
(V
R)(VBO) @ IBO
(V
T
) @ 1A
(I
R
) @ VR
(I
BO
)
(I
H
)
2V Bias
pins 1-2 & 3-2
pins 1-3
VV
V
V
V
µA
mA
mA
pF
CR0602 AA, AB, AC
CR1402 AA, AB, AC
CR1602 AA, AB, AC
CR2202 AA, AB, AC
CR2702 AA, AB, AC
CR3002 AA, AB, AC
CR3602 AA, AB, AC
CR4202 AA, AB, AC
CR4802 AA, AB, AC
CR6002 AA, AB, AC
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
200.0
120.0
90.0
90.0
60.0
60.0
60.0
45.0
45.0
45.0
80.0
154.0
190.0
260.0
320.0
360.0
440.0
500.0
600.0
700.0
50.0
116.0
130.0
180.0
240.0
280.0
320.0
380.0
440.0
550.0
40.0
77.0
95.0
130.0
160.0
180.0
220.0
250.0
300.0
350.0
25.0
58.0
65.0
90.0
120.0
140.0
160.0
190.0
220.0
275.0
Electrical Characteristics
(2 chip)
*Note: The typical capacitance values listed in this chart are for AA and AB. AC capacitance is approximately double that of AA and AB.
*Note: The typical capacitance values listed in this chart are for AA and AB. AC capacitance is approximately double that of AA and AB.
2.54
All dimensions in mm
5.08
0.8
10.16 10.42
4.52
4.78
0.61
0.46
Modified
TO-220
*
*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com