Electronic Components Datasheet Search
  English  ▼

X  

CY7C4801 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C4801
Description  256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4801 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C4801 Datasheet HTML 1Page - Cypress Semiconductor CY7C4801 Datasheet HTML 2Page - Cypress Semiconductor CY7C4801 Datasheet HTML 3Page - Cypress Semiconductor CY7C4801 Datasheet HTML 4Page - Cypress Semiconductor CY7C4801 Datasheet HTML 5Page - Cypress Semiconductor CY7C4801 Datasheet HTML 6Page - Cypress Semiconductor CY7C4801 Datasheet HTML 7Page - Cypress Semiconductor CY7C4801 Datasheet HTML 8Page - Cypress Semiconductor CY7C4801 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CY7C4801/4811/4821
CY7C4831/4841/4851
Document #: 38-06005 Rev. **
Page 2 of 23
Logic Block Diagram
48X1–1
THREE–STATE
OUTPUT REGISTER
READ
CONTROL B
FLAG
LOGIC
WRITE
CONTROL
WRITE
POINTER B
READ
POINTER B
RESET
LOGIC
FLAG
PROGRAM
REGISTER
DB0-8
RCLKB
EFA
PAEA
PAFA
QB0-8
RSA
OEB
RAM
ARRAY A
256x9
.
.
8k x 9
RENB1
RENB2
FFA
WRITE
CONTROL
WRITE
POINTER A
WENA1
WCLKA
WENA2/LDA
RSB
WENB1
WCLKB
WENB2/LDB
RAM
ARRAY B
.
.
8k x 9
READ
CONTROL A
READ
POINTER A
RCLKA
RENA1
RENA2
INPUT
REGISTER
DA
0-8
QA0-8
LDA
LDB
EFB
PAEB
PAFB
FFB
OEA
INPUT
REGISTER
THREE–STATE
OUTPUT REGISTER
256 x9
TQFP
Top View
48X1–1
QA2
QA3
QA4
QA5
QA6
QA7
QA8
Vcc
WENA2/LDA
WCLKA
WENA1
RSA
DA8
DA7
DA6
QA1
QB0
FFB
EFB
OEB
RENB2
RCLKB
RENB1
GND
Vcc
PAEB
PAFB
DB0
DB1
DB2
DB3
DB4
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CY7C4801
CY7C4811
CY7C4821
CY7C4831
CY7C4841
CY7C4851
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com