Electronic Components Datasheet Search
  English  ▼

X  

DN1047 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DN1047
Description  SMD Unshielded Inductor Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DN1047 Datasheet(HTML) 2 Page - Tyco Electronics

  DN1047 Datasheet HTML 1Page - Tyco Electronics DN1047 Datasheet HTML 2Page - Tyco Electronics DN1047 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series
Reel dimensions
Reel
Packaging
Number
Units
A
B
C
D
Qty
Specification
in.
12.99"
4.02"
0.87"
0.106"
[mm]
[ 330 ]
[ 102.0 ]
[ 22.2 ]
[ 2.70 ]
in.
12.99"
4.02"
0.87"
0.106"
[mm]
[ 330 ]
[ 102.0 ]
[ 22.2 ]
[ 2.70 ]
in.
12.99"
4.02"
0.87"
0.106"
[mm]
[ 330 ]
[ 102.0 ]
[ 22.2 ]
[ 2.70 ]
in.
12.99"
4.02"
0.87"
0.106"
[mm]
[ 330 ]
[ 102.0 ]
[ 22.2 ]
[ 2.70 ]
in.
12.99"
4.02"
1.19"
0.106"
[mm]
[ 330 ]
[ 102.0 ]
[ 30.2 ]
[ 2.70 ]
in.
12.99"
4.02"
1.19"
0.106"
[mm]
[ 330 ]
[ 102.0 ]
[ 30.2 ]
[ 2.70 ]
Series
DN4835
DN6149
DN8140
DN8155
DN1047
DN1058
Sheet 2 of 3
DN1058
Customer Packaging Specifications
For Print Distribution to Customers
DN8155
Ao
4.20
5.40
6.60
7.14
Bo
4.60
90-0049
90-0050
90-0047
90-0048
16.0
2000
DN4835
DN6149
DN8140
1000
1000
1000
800
1000
9.50
7.94
10.40
10.50
24.0
P
8.0
12.0
12.0
12.0
12.0
12.0
W
16.0
16.0
24.0
DN1047
Ko
4.00
5.30
9.40
6.10
7.00
16.0
90-0051
90-0052
Revision
B
Series
DN SERIES
5.68
4.80
5.90
4.10
0.35 ± 0.05
Primary units in millimeters.
Ko
± 0.05
2.0 ± 0.1
W ± 0.3
Bo ± 0.1
Ao ± 0.1
PACKAGING NOTE: Only pressure sensitive cover tape is to be used.
A
2
13
0.5
1.0
2
0.5
21
0.8
C
1
B
1
D
0.5
A MAX.
C MAX.
D MAX.
B MIN.
2 ±0.5
Dimensions are in millimeters unless specified.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com