Electronic Components Datasheet Search
  English  ▼

X  

TPCP8511 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCP8511
Description  Bipolar Transistors Silicon NPN Epitaxial Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8511 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCP8511 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8511 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8511 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8511 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8511 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8511 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPCP8511
2
5.
5.
5.
5. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
5.1.
5.1.
5.1.
5.1. Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Collector cut-off current
Emitter cut-off current
Collector-emitter breakdown voltage
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Symbol
ICBO
IEBO
V(BR)CEO
hFE(1)
hFE(2)
VCE(sat)
VBE(sat)
Test Condition
VCB = 100 V, IE = 0 A
VEB = 6 V, IC = 0 A
IC = 10 mA, IB = 0 A
VCE = 2 V, IC = 0.3 A
VCE = 2 V, IC = 1 A
IC = 1 A, IB = 33 mA
IC = 1 A, IB = 33 mA
Min
50
250
120
Typ.
Max
100
100
400
0.18
1.1
Unit
nA
V
V
5.2.
5.2.
5.2.
5.2. Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, T
Dynamic Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Collector output capacitance
Switching time (rise time)
Switching time (storage time)
Switching time (fall time)
Symbol
Cob
tr
tstg
tf
Test Condition
VCB = 10 V, IE = 0 A, f = 1 MHz
See Figure 5.2.1
VCC
≈ 20 V, RL = 20 Ω,
IB1 = 33 mA, IB2 = -33 mA,
Duty cycle ≤ 1%
Min
Typ.
18
25
470
38
Max
Unit
pF
ns
Fig.
Fig.
Fig.
Fig. 5.2.1
5.2.1
5.2.1
5.2.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
6.
6.
6.
6. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 6.1
6.1
6.1
6.1 Marking
Marking
Marking
Marking
2016-01-22
Rev.3.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com