Electronic Components Datasheet Search
  English  ▼

X  

EN4SD Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # EN4SD
Description  Hinge Door with Quarter Turn/Handle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

EN4SD Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  EN4SD Datasheet HTML 1Page - Hammond Manufacturing Ltd. EN4SD Datasheet HTML 2Page - Hammond Manufacturing Ltd. EN4SD Datasheet HTML 3Page - Hammond Manufacturing Ltd. EN4SD Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 4 Mild Steel Wallmount Enclosure Eclipse Series
Hinge Door with Quarter Turn/Handle
Application
Designed to enclose electrical and/or electronic equipment and protect against harsh,
industrial environments for wallmount applications.
Impressive styling features like hidden hinges, attractive latching systems make the
Eclipse a suitable addition to any high-tech equipment installation.
A wide range of sizes and practical accessories make this product line a complete
package.
Standards
UL 508A Type 3R, 4, and 12
CSA Type 3R, 4, and 12
Mounting foot kit required to maintain UL/CSA external mounting requirements.
Complies with
IEC 60529, IP66
NEMA Type 3R, 4, and 12
Construction
Formed 14 (24x24" and larger) or 16 (24x20" and smaller) gauge steel.
Smooth, continuously welded seams ground smooth.
Door stiffeners are provided where required for increased strength and rigidity - designed
to also permit additional mounting options.
Formed lip on enclosure to exclude flowing liquids and contaminants.
Door latching: Type A has slotted quarter turns, Type B has handle with 3 point latching,
Type C has handle with 3 point latching plus additional quarter turns top and bottom.
Doors may be easily removed for modifications and are interchangeable.
Seamless poured-in place gasket.
Collar studs provided for mounting inner panel.
Includes hardware kit with panel mounting nuts and sealing washers for wall mounting
holes.
Bonding stud provided on door and grounding stud installed in enclosure.
Hinges are constructed from 304 stainless steel.
Hinge pins are stainless steel.
Quarter turn latch and multi-point handle (key lockable) are zinc diecast with black epoxy
finish.
Door alignment guide provided on 36" wide enclosures.
Door swing can be reversed - requires ordering adapter kit EHLLSAK (for EN4SD72*
enclosures, 2 adapter kits required).
Finish
Cover and enclosure are phosphatized and finished with a recoatable powder inside and
out with choice of ANSI 61 smooth Gray (GY) or RAL7035 textured light gray (LG).
Accessories
Quality Products. Service Excellence.


Similar Part No. - EN4SD

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EN4SD HAMMOND-EN4SD Datasheet
273Kb / 6P
Armoire murale en acier doux de type 4
EN4SD12126GY HAMMOND-EN4SD12126GY Datasheet
149Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
EN4SD12126LG HAMMOND-EN4SD12126LG Datasheet
152Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
EN4SD12126S16 HAMMOND-EN4SD12126S16 Datasheet
191Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
EN4SD12126S16 HAMMOND-EN4SD12126S16 Datasheet
183Kb / 4P
Armoire murale en acier inoxydable de type 4X
More results

Similar Description - EN4SD

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
logo
Festo Corporation.
8005039 FESTO-8005039 Datasheet
108Kb / 2P
Quarter turn actuator
8005040 FESTO-8005040 Datasheet
108Kb / 2P
Quarter turn actuator
8005050 FESTO-8005050 Datasheet
109Kb / 2P
Quarter turn actuator
8005053 FESTO-8005053 Datasheet
109Kb / 2P
Quarter turn actuator
8005061 FESTO-8005061 Datasheet
105Kb / 2P
Quarter turn actuator
logo
Hammond Manufacturing L...
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
Continuous Hinge Door with Quarter Turn
EN4SDSS HAMMOND-EN4SDSS_V01 Datasheet
465Kb / 3P
Hinge Door with Quarter Turn/Handle
EN4SDWSS HAMMOND-EN4SDWSS_V01 Datasheet
201Kb / 2P
Hinge Door with Quarter Turn
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com