Electronic Components Datasheet Search
  English  ▼

X  

EP2016 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # EP2016
Description  Hinge Door with Quarter Turn
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

EP2016 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  EP2016 Datasheet HTML 1Page - Hammond Manufacturing Ltd. EP2016 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Additional Inner Panels
Swing Panel
Swing Frame
Eclipse Rack Panel
Eclipse DIN Rail Mounting Kit
Eclipse DIN Rails
Door Stop Kit
Mounting Foot Kit
Rear Hole Plugs
Drip Shield Kit
Quarter Turn Inserts and Keys
Quarter Turn Assemblies
Type 4X Stainless Steel Wallmount Enclosure w/ Window Eclipse Series
Hinge Door with Quarter Turn
Application
Designed to enclose electrical and/or electronic equipment in wallmount applications
where viewing of component operation is necessary while maintaining protection ratings.
Impressive styling features like hidden hinges and attractive latching systems make the
Eclipse a suitable addition to any high-tech equipment installation.
A wide range of sizes and practical accessories make this product line a complete
package.
Standards
UL 508A Type 3R, 4, 4X and 12
CSA Type 3R, 4, 4X and 12
Complies with
NEMA Type 3R, 4, 4X, 12 and 13
IEC 60529, IP66
Construction
Formed 14 (24x24" and larger) or 16 (24x20" and smaller) gauge stainless steel.
Full view UV resistant polycarbonate window allows maximum viewing area of inner
panel.
Continuously welded seams ground smooth.
Door stiffeners are provided where required for increased strength and rigidity - designed
to also permit additional mounting options.
Formed lip on enclosure to exclude flowing liquids and contaminants.
Door latches feature the added safety of quarter turn slot requiring use of tool for opening
Doors may be easily removed for modifications and are interchangeable.
Seamless poured-in place gasket.
Collar studs provided for mounting inner panel.
Includes hardware kit with panel mounting nuts and sealing washers for wall mounting
holes.
Bonding stud provided on door and grounding stud installed in enclosure.
Hinges are constructed from stainless steel.
Stainless steel hinge pins and quarter turns.
Finish
Cover and enclosure are natural stainless steel with a smooth brushed finish.
Accessories
Quality Products. Service Excellence.


Similar Part No. - EP2016

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EP2016 HAMMOND-EP2016 Datasheet
92Kb / 1P
Inner Panels EP Series
EP2016 HAMMOND-EP2016 Datasheet
81Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
EP2016 HAMMOND-EP2016 Datasheet
465Kb / 3P
Hinge Door with Quarter Turn/Handle
EP2016 HAMMOND-EP2016 Datasheet
768Kb / 4P
Hinge Door with Quarter Turn/Handle
More results

Similar Description - EP2016

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
logo
Festo Corporation.
8005039 FESTO-8005039 Datasheet
108Kb / 2P
Quarter turn actuator
8005040 FESTO-8005040 Datasheet
108Kb / 2P
Quarter turn actuator
8005050 FESTO-8005050 Datasheet
109Kb / 2P
Quarter turn actuator
8005053 FESTO-8005053 Datasheet
109Kb / 2P
Quarter turn actuator
8005061 FESTO-8005061 Datasheet
105Kb / 2P
Quarter turn actuator
logo
Hammond Manufacturing L...
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
Continuous Hinge Door with Quarter Turn
EN4SDSS HAMMOND-EN4SDSS_V01 Datasheet
465Kb / 3P
Hinge Door with Quarter Turn/Handle
EN4SD HAMMOND-EN4SD_V01 Datasheet
768Kb / 4P
Hinge Door with Quarter Turn/Handle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com