Electronic Components Datasheet Search
  English  ▼

X  

0900-CLIP Datasheet(PDF) 6 Page - Precid-Dip Durtal SA

Part # 0900-CLIP
Description  PRECISE, RELIABLE, AND COST EFFECTIVE STANDARD SOLUTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

0900-CLIP Datasheet(HTML) 6 Page - Precid-Dip Durtal SA

  0900-CLIP Datasheet HTML 1Page - Precid-Dip Durtal SA 0900-CLIP Datasheet HTML 2Page - Precid-Dip Durtal SA 0900-CLIP Datasheet HTML 3Page - Precid-Dip Durtal SA 0900-CLIP Datasheet HTML 4Page - Precid-Dip Durtal SA 0900-CLIP Datasheet HTML 5Page - Precid-Dip Durtal SA 0900-CLIP Datasheet HTML 6Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PRECI-DIP SA Rue Saint-Henri 11 CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00 FAX +41 (0)32 421 04 01 E-MAIL sales@precidip.com www.precidip.com
SERIE 811/813-CLIP
TECHNICAL SPECIFICATION
Example: For a 5.5 mm height connector, single row with 4 poles ordering number will be: 811-SS-004-
30-677101-CLIP.
Options available:
-
Tape and real on request; replace suffixes 101 by 191 at the end of the ordering number
-
Other plating options on request.
ORDERING NUMBER
Single row:
Bulk: 811-SS-NNN-30-6XX101-CLIP
T&R: 811-SS-NNN-30-6XX191-CLIP
INSULATOR: Black glass filled polyester PCT-GF30-FR
DYNAMIC CONTACT RESISTANCE: 20mΩ
OPERATING TEMPERATURE RANGE: -55/+125 °C
COPLANARITY SMD: 0.1 mm (on 25 mm long)
DURABILITY: 20'000 cycles
OPERATING CURRENT: Max 5 A
Replace NNN by number of poles, standard number of contact 2 to 20contacts
See table below for final ordering number according to height and working range specifications
Double row:
Bulk: 813-SS-NNN-30-6XX101-CLIP
T&R: 813-SS-NNN-30-6XX191-CLIP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com