Electronic Components Datasheet Search
  English  ▼

X  

MAS9122 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MAS9122
Description  3 Outputs LDO Voltage Regulator IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9122 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MAS9122 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DA9122.002
7 September, 2001
4 (12)
x Current Parameters
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
LDO_A Continuous Output Current
IOUTA
0
135
mA
LDO_B Continuous Output Current
IOUTB
070
mA
LDO_C Continuous Output Current
IOUTC
050
mA
Short Circuit Current for LDO_A
ISHORTA
350
mA
Short Circuit Current for LDO_B
ISHORTB
265
mA
Short Circuit Current for LDO_C
ISHORTC
230
mA
Ground Pin Current
IGND(OFF)
IOUT = 0 A, VENA,ENBC < 0.3 V,
VIN= 3.6
24
µA
Ground Pin Current
IGND(ONA)
IOUT = 0 A, VENA > 2 V,
VENBC < 0.3 V, VIN = 3.6
125
µA
Ground Pin Current
IGND(ONBC)
IOUT = 0 A, VENA < 0.3 V,
VENBC > 2 V, VIN = 3.6
170
µA
Ground Pin Current
IGND(ONABC)
IOUT = 0 A, VENA, ENBC > 2 V
VIN = 3.6
245
µA
x Voltage Parameters
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage:
Mask option for 2.85 V
VOUTA
VOUTA,B,C
Max IOUT = 135 mA
Max IOUTA = 100 mA, Max IOUTB =
70 mA, Max IOUTC = 50 mA
2.85 – 3%
2.85 – 2%
2.85
2.85
2.85 + 2%
2.85 + 2%
V
V
LDO_A Dropout
Voltage
VDROPA
IOUTA = 135 mA
IOUTA = 100 mA
220
180
mV
LDO_B Dropout
Voltage
VDROPB
IOUTB = 70 mA
165
mV
LDO_C Dropout
Voltage
VDROPC
IOUTC = 50 mA
150
mV
x External Capacitors
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Capacitors for
all Regulators
COUTA,B,C
0.8
1
µF
Effective Series Resistance
ESR
0.01
0.1
2
Ω
Bypass Capacitor
CBYPASS
10
nF
x Power Dissipation
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Junction to Case Thermal
Resistance
RJC
39
°C/W
Junction to Ambient Thermal
Resistance
RJA
typical PC board mounting,
still air
206
°C/W
Maximum Power Dissipation
Pd
any ambient temperature
JA
A
(MAX)
J
MAX
d
R
T
T
P
−
=
mW
Note 1
Note 1: TJ(MAX) denotes maximum operating junction temperature (+125°C), TA ambient temperature, and RJA junction-to-ambient thermal
resistance (+206°C/W).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com