Electronic Components Datasheet Search
  English  ▼

X  

VLRYG31... Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLRYG31...
Description  Reverse Gullwing SMD LED Yellow
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLRYG31... Datasheet(HTML) 1 Page - Vishay Siliconix

  VLRYG31... Datasheet HTML 1Page - Vishay Siliconix VLRYG31... Datasheet HTML 2Page - Vishay Siliconix VLRYG31... Datasheet HTML 3Page - Vishay Siliconix VLRYG31... Datasheet HTML 4Page - Vishay Siliconix VLRYG31... Datasheet HTML 5Page - Vishay Siliconix VLRYG31... Datasheet HTML 6Page - Vishay Siliconix VLRYG31... Datasheet HTML 7Page - Vishay Siliconix VLRYG31... Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLRYG31...
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 03-May-2021
1
Document Number: 80249
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Reverse Gullwing SMD LED Yellow
DESCRIPTION
This device has been designed to meet the increasing
demand for AlInGaP technology.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
LED is mounted top down and emits through the PCB.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD reverse gullwing
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase
and wave solder processes according to
CECC 00802 and J-STD-020C
• Available in 12 mm tape
• Low profile package
• Non-diffused lens: Excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin. > 1.6
• Preconditioning according to JEDEC® level 2
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
20857
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VLRYG31P1Q2-GS08
Yellow
green
45
72
112.5
20
564.5
571
576.5
20
-
2.1
2.3
20
AlInGaP
on GaAs
VLRYG31Q1R2-GS08
Yellow
green
71.5
112
180
20
564.5
571
576.5
20
-
2.1
2.3
20
AlInGaP
on GaAs


Similar Part No. - VLRYG31...

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRYG31P1Q2-GS08 VISHAY-VLRYG31P1Q2-GS08 Datasheet
250Kb / 8P
Reverse Gullwing SMD LED Yellow
03-May-2021
VLRYG31Q1R2-GS08 VISHAY-VLRYG31Q1R2-GS08 Datasheet
250Kb / 8P
Reverse Gullwing SMD LED Yellow
03-May-2021
More results

Similar Description - VLRYG31...

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1R2-GS18 VISHAY-VLRK31R1R2-GS18 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
VLRE31 VISHAY-VLRE31 Datasheet
231Kb / 9P
Reverse Gullwing SMD LED Yellow
22-May-13
logo
HK TO-GRACE TECHNOLOGY ...
VLRE31R1S2 TO-GRACE-VLRE31R1S2 Datasheet
1Mb / 9P
Reverse Gullwing SMD LED Yellow
VLRK31R1S2 TO-GRACE-VLRK31R1S2 Datasheet
1,023Kb / 8P
Reverse Gullwing SMD LED Red
logo
Vishay Siliconix
VLRYG31P1Q2-GS08 VISHAY-VLRYG31P1Q2-GS08 Datasheet
250Kb / 8P
Reverse Gullwing SMD LED Yellow
03-May-2021
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRE31R1S2 VISHAY-VLRE31R1S2 Datasheet
232Kb / 9P
Reverse Gullwing SMD LED Yellow
23-Feb-18
VLRE31R1S2 VISHAY-VLRE31R1S2_V01 Datasheet
233Kb / 9P
Reverse Gullwing SMD LED Yellow
23-Feb-18
VLRK31R1S2 VISHAY-VLRK31R1S2_V01 Datasheet
232Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRE31R1S2 VISHAY-VLRE31R1S2_V02 Datasheet
253Kb / 8P
Reverse Gullwing SMD LED Yellow
14-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com