| Electronic Components Datasheet Search |
|
VO1263AB Datasheet(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
VO1263AB Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 8 page ![]() VO1263AAC, VO1263AACTR, VO1263AB www.vishay.com Vishay Semiconductors Rev. 2.0, 15-Mar-2019 2 Document Number: 84639 For technical questions, contact: optocoupleranswers@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note • Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements Note (1) f = 1.0 kHz, pulse width = 100 μs, load (RL) = 1.0 M Ω, 15 pF; measured at 90 % rated voltage (ton), 10 % rated voltage (toff). Actuation speed depends upon the external ton and toff circuitry and the capacitance of the MOSFET Note • This optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT LED forward voltage IF = 10 mA VF 1.2 1.3 1.6 V Detector reverse voltage IR = 2.0 μA VR(PDA) - 350 - V Open circuit voltage (pins 5, 6 or 7, 8) IF = 5.0 mA VOC - 13.73 - V IF = 10 mA VOC 10.3 14.27 16.5 V IF = 15 mA VOC - 14.50 - V IF = 20 mA VOC - 14.70 - V IF = 30 mA VOC - 14.94 - V Short circuit current (pins 5, 6 or 7, 8) IF = 5.0 mA ISC 2.7 4.47 - μA IF = 10 mA ISC 79.8 - μA IF = 15 mA ISC 11 15.33 - μA IF = 20 mA ISC 15 20.97 - μA IF = 30 mA ISC 21 32.4 - μA SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT Turn-on time IF = 20 mA (1) ton -16 - μs Turn-off time IF = 20 mA (1) toff - 472 - μs SAFETY AND INSULATION RATINGS PARAMETER TEST CONDITION SYMBOL VALUE UNIT Climatic classification According to IEC 68 part 1 40 / 100 / 21 Pollution degree According to DIN VDE 0109 2 Comparative tracking index Insulation group IIIa CTI 175 Maximum rated withstanding isolation voltage According to UL1577, t = 1 min VISO 5300 VRMS Maximum transient isolation voltage According to DIN EN 60747-5-5 VIOTM 8000 Vpeak Maximum repetitive peak isolation voltage According to DIN EN 60747-5-5 VIORM 890 Vpeak Output safety power PSO 700 mW Input safety current ISI 300 mA Input safety temperature TS 175 °C Creepage distance DIP-8, SMD-8 ≥ 7mm Clearance distance ≥ 7mm |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |