Electronic Components Datasheet Search
  English  ▼

X  

2167000000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 2167000000
Description  (GENERAL)ACB6 PLUS REC. ASSY H=0.6, 20P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2167000000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  2167000000 Datasheet HTML 1Page - Molex Electronics Ltd. 2167000000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FORMAT: master-tb-prod-A3
REVISION: J
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2021/10/21
08:11:05
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIVISIONAL
SYMBOLS
CURRENT REV DESC:
EC NO: 682258
DRWN: DWLEE02
2021/10/21
CHK'D:
SHCHU
2021/10/21
APPR: SHCHU
2021/10/21
INITIAL REVISION:
DRWN: DWLEE02
2021/03/22
APPR: SHCHU
2021/10/21
THIRD ANGLE PROJECTION
DRAWING
SERIES
A3-SIZE 216700
DIMENSION UNITS
SCALE
mm
10:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
1.0 °
4 PLACES
±
0.05
3 PLACES
±
0.05
2 PLACES
±
0.05
1 PLACE
±
0.1
0 PLACES
±
0.2
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
(GENERAL)ACB6 PLUS REC. ASSY H=0.6, 20P
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
2167000000
PSD 005
A3
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
2 OF 2
0.35 ±0.03
0.18 ±0.03
3.15 ±0.03
4.82 ±0.03
5.89 ±0.03
NOR.
0.68
0.75 ±0.03
0.26
(PITCH)
0.18 ±0.03
0.35 ±0.03
3.15 ±0.03
4.82 ±0.03
5.89 ±0.03
0.79 ±0.03
0.30 ±0.03
(PITCH)
(FOR REFERENCE)
(FOR REFERENCE)
RECOMMENDED METAL MASK LAYOUT
RECOMMENDED P.C.BOARD PATTERN LAYOUT
RECOMMENDED THICKNESS : 0.08mm
RECOMMENDED APERTURE DIMENSION IS JUST SAME AS SHOWN FIGURE ABOVE.
FOR THIS DIMENSION, APERTURE RATIO ARE SIGNAL TERMINAL 100% AND
FITTING NAIL ALL 120%.
SOLDER PROHIBITED AREA.
WHEN WIREING IS LOCATED,
THE WIRING MUST BE MASKED BY COVER LAY OR RESIST FILM.
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
7
8
8
9
9
10
10
THIS DIMENSION SHOWS A DIMENSION BETWEEN THE TAIL TO TAIL.
MATING CONDITION
NOR.
3.44
4.62 ±0.03
�
�



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com