Electronic Components Datasheet Search
  English  ▼

X  

EP2-21 Datasheet(PDF) 1 Page - SAB North America

Part # EP2-21
Description  EMC Grounding Cable Glands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAB [SAB North America]
Direct Link  https://www.sabcable.com/
Logo SAB - SAB North America

EP2-21 Datasheet(HTML) 1 Page - SAB North America

  EP2-21 Datasheet HTML 1Page - SAB North America  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N
18
Technical data:
Material:
Brass, Nickel Plated
Contact spring:
Special Copper Alloy
Clamping Insert:
Polyamide 6
Seal:
Chloroprene (CR)
O-Ring:
Neoprene (NBR)
Protection type:
IP 68 - 5 Bar
NEMA 4X
Temperature range:
permanent:
-20°C to +100°C
intermittent:
-40°C to +150°C
Flammability:
V2 (according to UL 94)
Approvals:
cURus, cULus, DNV-GL, CE
Optimal grounding of shielded
cable, easy installation, water
tight, impact resistant.
Part
Number
Thread
Type
Clamping
Range
Ø min-max
Shield
Diameter
(Ø min)
Wrenching Flats
Cap
(SW1)
Thread
Diameter
(TD)
Thread
Length
(TL)
Height
(H)
UL
inches
mm
inches
mm
inches
mm
mm
mm
mm
PG*
EP2-7
PG 7
0.118 - 0.256
3.0 - 6.5
0.098
2.5
0.551
14
12.5
6.0
22.0
UR
EP2-9
PG 9
0.157 - 0.315
4.0 - 8.0
0.118
3.0
0.669
17
15.2
6.0
23.2
UR
EP2-11
PG 11
0.197 - 0.394
5.0 - 10.0
0.157
4.0
0.787
20
18.6
6.0
26.0
UR
EP2-13
PG 13.5
0.236 - 0.473
6.0 - 12.0
0.197
5.0
0.866
22
20.4
6.5
24.5
UR
EP2-16
PG 16
0.394 - 0.551
10.0 - 14.0
0.335
8.5
0.945
24
22.5
6.5
28.0
UL
EP2-21
PG 21
0.512 - 0.709
13.0 - 18.0
0.433
11.0
1.181
30
28.3
7.2
32.5
UL
EP2-29
PG 29
0.709 - 0.984
18.0 - 25.0
0.630
16.0
1.575
40
37.0
8.0
38.0
UL
EP2-36
PG 36
0.866 - 1.260
22.0 - 32.0
0.787
20.0
1.969
50
47.0
9.0
48.0
UL
EP2-42
PG 42
1.181 - 1.497
30.0 - 38.0
1.102
28.0
2.283
58
54.0
12.0
48.0
UL
EP2-48
PG 48
1.339 - 1.732
34.0 - 44.0
1.220
31.0
2.520
64
59.3
14.0
52.4
UL
PG with Long Thread*
EP2-7L
PG 7
0.118 - 0.256
3.0 - 6.5
0.098
2.5
0.551
14
12.5
8.0
22.0
-
EP2-9L
PG 9
0.157 - 0.315
4.0 - 8.0
0.118
3.0
0.669
17
15.2
10.0
23.2
-
EP2-11L
PG 11
0.197 - 0.394
5.0 - 10.0
0.157
4.0
0.787
20
18.6
10.0
26.0
-
EP2-13L
PG 13.5
0.236 - 0.473
6.0 - 12.0
0.197
5.0
0.866
22
20.4
10.0
24.5
-
EP2-16L
PG 16
0.394 - 0.551
10.0 - 14.0
0.335
8.5
0.945
24
22.5
10.0
28.0
-
EP2-21L
PG 21
0.512 - 0.709
13.0 - 18.0
0.433
11.0
1.181
30
28.3
12.0
32.5
-
EP2-29L
PG 29
0.709 - 0.984
18.0 - 25.0
0.630
16.0
1.575
40
37.0
12.0
38.0
-
EP2-36L
PG 36
0.866 - 1.260
22.0 - 32.0
0.787
20.0
1.969
50
47.0
14.0
48.0
-
EP2-42L
PG 42
1.181 - 1.497
30.0 - 38.0
1.102
28.0
2.283
58
54.0
16.0
48.0
-
EP2-48L
PG 48
1.339 - 1.732
34.0 - 44.0
1.220
31.0
2.520
64
59.3
18.0
52.4
-
NPT
EN2-3/8
NPT 3/8
0.196 - 0.394
5.0 - 10.0
0.157
4.0
0.787
20
17.1
11.5
29.5
UR
EN2-1/2
NPT 1/2
0.236 - 0.472
6.0 - 12.0
0.196
5.0
0.866
22
21.3
13.0
25.5
UL
EN2-3/4R*
NPT 3/4
0.354 - 0.630
9.0 - 16.0
0.335
8.5
1.181
30
26.7
13.0
35.5
UL
EN2-3/4
NPT 3/4
0.512 - 0.709
13.0 - 18.0
0.433
11.0
1.181
30
26.7
13.0
35.5
UL
EN2-1
NPT 1
0.709 - 0.984
18.0 - 25.0
0.629
16.0
1.574
40
33.4
13.0
43.0
UL
* PG version and EN2-3/4R are not NEMA 4X rated
C
866-722-2974
.
info@sabcable.com
www.sabcable.com
CG EMC-2 PG / CG EMC-2 NPT
Nickel plated brass EMC cable gland, standard & longer thread
EMC Grounding Cable Glands
Locknuts need to be purchased separately, see page N/20


Similar Part No. - EP2-21

ManufacturerPart #DatasheetDescription
logo
NEC
EP2-3G1 NEC-EP2-3G1 Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
EP2-3G1S NEC-EP2-3G1S Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
EP2-3G1ST NEC-EP2-3G1ST Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
EP2-3G1T NEC-EP2-3G1T Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
EP2-3G2 NEC-EP2-3G2 Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
More results

Similar Description - EP2-21

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
Rosenberger Hochfrequen...
SLGK002C-C05-060 ROSENBERGER-SLGK002C-C05-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com