Electronic Components Datasheet Search
  English  ▼

X  

EM2-40C Datasheet(PDF) 1 Page - SAB North America

Part # EM2-40C
Description  EMC Grounding Cable Glands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAB [SAB North America]
Direct Link  https://www.sabcable.com/
Logo SAB - SAB North America

EM2-40C Datasheet(HTML) 1 Page - SAB North America

  EM2-40C Datasheet HTML 1Page - SAB North America  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N
17
Technical data:
Material:
Brass, Nickel Plated
Contact spring:
Special Copper Alloy
Clamping Insert:
Polyamide 6
Seal:
Chloroprene (CR)
O-Ring:
Neoprene (NBR)
Protection type:
IP 68 - 5 Bar
NEMA 4X
Temperature range:
permanent:
-20°C to +100°C
intermittent:
-40°C to +150°C
Flammability:
V2 (according to UL 94)
Approvals:
cURus, cULus, VDE, DNV-GL, CE
Optimal grounding of shielded cable, easy installation, water
tight, impact resistant.
Part
Number
Thread
Type
Clamping
Range
Ø min-max
Shield
Diameter
(Ø min)
Wrenching Flats
Cap
(SW1)
Thread
Diameter
(TD)
Thread
Length
(TL)
Height
(H)
UL
inches
mm
inches
mm
inches
mm
mm
mm
mm
Metric
EM2-12
M12x1.5
0.118 - 0.256
3.0 - 6.5
0.098
2.5
0.551
14
12
6
22.0
UR
EM2-16
M16x1.5
0.158 - 0.315
4.0 - 8.0
0.118
3.0
0.669
17
16
7
23.0
UR
EM2-16C
M16x1.5
0.177 - 0.394
5.0 - 10.0
0.138
3.5
0.787
20
16
6.5
29.0
UR
EM2-20
M20x1.5
0.236 - 0.472
6.0 - 12.0
0.177
4.5
0.866
22
20
8
24.5
UR
EM2-25
M25x1.5
0.394 - 0.551
10.0 - 14.0
0.335
8.5
0.945
24
25
8
28.0
UL
EM2-25C
M25x1.5
0.512 - 0.709
13.0 - 18.0
0.413
10.5
1.181
30
25
8
37.5
UL
EM2-32
M32x1.5
0.512 - 0.709
13.0 - 18.0
0.433
11.0
1.181
30
32
9
32.5
UL
EM2-32C
M32x1.5
0.709 - 0.984
18.0 - 25.0
0.551
14.0
1.575
40
32
9
44.0
UL
EM2-40
M40x1.5
0.709 - 0.984
18.0 - 25.0
0.630
16.0
1.575
40
40
9
38.0
UL
EM2-40C
M40x1.5
0.866 - 1.261
22.0 - 32.0
0.787
20.0
1.969
50
40
9
52.5
UL
EM2-50
M50x1.5
0.866 - 1.261
22.0 - 32.0
0.787
20.0
1.969
50
50
9
48.0
UL
EM2-50C
M50x1.5
1.063 - 1.734
27.0 - 44.0
1.024
26.0
2.520
64
50
9
54.0
-
EM2-63
M63x1.5
1.340 - 1.734
34.0 - 44.0
1.220
31.0
2.520
64
63
14
53.0
UL
Metric with Long Thread *
EM2-12L
M12x1.5
0.118 - 0.256
3.0 - 6.5
0.098
2.5
0.551
14
12
12
22.0
-
EM2-16L
M16x1.5
0.158 - 0.315
4.0 - 8.0
0.118
3.0
0.669
17
16
12
23.0
-
EM2-20L
M20x1.5
0.236 - 0.472
6.0 - 12.0
0.177
4.5
0.866
22
20
12
24.5
-
EM2-25L
M25x1.5
0.394 - 0.551
10.0 - 14.0
0.335
8.5
0.945
24
25
12
28.0
-
EM2-32L
M32x1.5
0.512 - 0.709
13.0 - 18.0
0.433
11.0
1.181
30
32
15
32.5
-
EM2-40L
M40x1.5
0.709 - 0.984
18.0 - 25.0
0.630
16.0
1.575
40
40
15
38.0
-
EM2-50L
M50x1.5
0.866 - 1.261
22.0 - 32.0
0.787
20.0
1.969
50
50
15
48.0
-
EM2-63L
M63x1.5
1.340 - 1.734
34.0 - 44.0
1.220
31.0
2.520
64
63
18
53.0
-
* Long thread version is not NEMA 4X rated
C
CG EMC-2 Metric
Nickel plated brass EMC cable gland, standard & longer thread
EMC Grounding Cable Glands
866-722-2974
.
info@sabcable.com
www.sabcable.com
Locknuts need to be purchased separately, see page N/20


Similar Part No. - EM2-40C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM2 SANKEN-EM2 Datasheet
20Kb / 1P
Rectifier Diodes
EM2 SANKEN-EM2 Datasheet
183Kb / 3P
Silicon Diode
logo
List of Unclassifed Man...
EM2.5 ETC2-EM2.5 Datasheet
107Kb / 1P
EM Brake
EM20 ETC2-EM20 Datasheet
107Kb / 1P
EM Brake
logo
EPCOS
EM2000X EPCOS-EM2000X Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
More results

Similar Description - EM2-40C

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
Rosenberger Hochfrequen...
SLGK002C-C05-060 ROSENBERGER-SLGK002C-C05-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com