Electronic Components Datasheet Search
  English  ▼

X  

PPB-21 Datasheet(PDF) 1 Page - SAB North America

Part # PPB-21
Description  Polyamide 6 Cord Grips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAB [SAB North America]
Direct Link  https://www.sabcable.com/
Logo SAB - SAB North America

PPB-21 Datasheet(HTML) 1 Page - SAB North America

  PPB-21 Datasheet HTML 1Page - SAB North America  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N
5
Technical data:
Material:
Polyamide 6
Seal:
Chloroprene (CR)
Color:
RAL 7001 (gray)
RAL 9005 (black)
Protection type:
IP 68 - 5 Bar
NEMA 4X
Temperature range:
permanent:
-20°C to +100°C
intermittent:
-30°C to +150°C
Flammability:
V2 (according to UL 94)
Approvals:
cURus, cULus, cCSAus, DNV-GL, CE
Part Number
Thread
Type
Clamping Range
Ø min-max
Thread
Diameter
(TD)
Wrenching Flats
(SW)
Thread
Length
(TL)
Height
(H)
UL
gray
black
inches
mm
inches
mm
inches
mm
inches
inches
PG
PPG-7
PPB-7
PG 7
0.118 - 0.256
3.0 - 6.5
0.492
12.5
0.591
15
0.315
0.866
UR
PPG-9
PPB-9
PG 9
0.157 - 0.315
4.0 - 8.0
0.598
15.2
0.748
19
0.315
1.043
UR
PPG-11
PPB-11
PG 11
0.197 - 0.394
5.0 - 10.0
0.732
18.6
0.866
22
0.315
1.142
UR
PPG-13
PPB-13
PG 13.5
0.236 - 0.472
6.0 - 12.0
0.803
20.4
0.945
24
0.394
1.142
UL
PPG-16
PPB-16
PG 16
0.394 - 0.551
10.0 - 14.0
0.886
22.5
1.063
27
0.394
1.220
UL
PPG-21
PPB-21
PG 21
0.512 - 0.709
13.0 - 18.0
1.114
28.3
1.299
33
0.433
1.457
UL
PPG-29
PPB-29
PG 29
0.709 - 0.984
18.0 - 25.0
1.457
37.0
1.654
42
0.433
1.614
UL
PPG-36
PPB-36
PG 36
0.866 - 1.261
22.0 - 32.0
1.850
47.0
2.087
53
0.512
2.028
UL
PPG-42
PPB-42
PG 42
1.181 - 1.496
30.0 - 38.0
2.126
54.0
2.362
60
0.512
2.106
UL
PPG-48
PPB-48
PG 48
1.339 - 1.732
34.0 - 44.0
2.335
59.3
2.559
65
0.552
2.106
UL
PG with Reducer Bushings
PPG-7R
PPB-7R
PG 7
0.079 - 0.197
2.0 - 5.0
0.492
12.5
0.591
15
0.315
0.866
UR¹
PPG-9R
PPB-9R
PG 9
0.079 - 0.236
2.0 - 6.0
0.598
15.2
0.748
19
0.315
1.043
UR¹
PPG-11R
PPB-11R
PG 11
0.118 - 0.276
3.0 - 7.0
0.732
18.6
0.866
22
0.315
1.142
UR¹
PPG-13R
PPB-13R
PG 13.5
0.197 - 0.355
5.0 - 9.0
0.803
20.4
0.945
24
0.394
1.142
UL¹
PPG-16R
PPB-16R
PG 16
0.276 - 0.473
7.0 - 12.0
0.886
22.5
1.063
27
0.394
1.220
UL¹
PPG-21R
PPB-21R
PG 21
0.354 - 0.630
9.0 - 16.0
1.114
28.3
1.299
33
0.433
1.457
UL¹
PPG-29R
PPB-29R
PG 29
0.472 - 0.788
12.0 - 20.0
1.457
37.0
1.654
42
0.433
1.614
UL¹
PPG-36R
PPB-36R
PG 36
0.788 - 1.024
20.0 - 26.0
1.850
47.0
2.087
53
0.512
2.028
UL¹
PPG-42R
PPB-42R
PG 42
0.984 - 1.220
25.0 - 31.0
2.126
54.0
2.362
60
0.512
2.106
UL¹
PPG-48R
PPB-48R
PG 48
1.142 - 1.378
29.0 - 35.0
2.335
59.3
2.559
65
0.552
2.106
UL¹
¹Product is UR/UL tested to cCSAus
C
CG 100 PG
Dome cap cord grip, black or gray with locknut
Polyamide 6 Cord Grips
866-722-2974
.
info@sabcable.com
www.sabcable.com
Liquid tight seal, fast and easy installation, wide clamping range,
multi-purpose applications, easy handling.


Similar Part No. - PPB-21

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPB ILLINOISCAPACITOR-PPB Datasheet
428Kb / 3P
High Pulse Currents - High voltage
logo
ABL Aluminium Component...
PPB ABL-PPB Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
List of Unclassifed Man...
PPB02CM23 ETC2-PPB02CM23 Datasheet
164Kb / 4P
Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
PPB02CM48 ETC2-PPB02CM48 Datasheet
164Kb / 4P
Monitoring Relays True RMS 3-Phase, Phase Sequence/Loss - Asymmetry
logo
Ericsson
PPB3781 ERICSSON-PPB3781 Datasheet
546Kb / 9P
LOW VOLTAGE SPEECH CIRCUIT
More results

Similar Description - PPB-21

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130097-0172 MOLEX11-130097-0172 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male
130097-0179 MOLEX11-130097-0179 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male,
130097-0180 MOLEX11-130097-0180 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male
130097-0183 MOLEX11-130097-0183 Datasheet
41Kb / 1P
Deluxe Cord Grips Strain Relief, 2 NPT, Straight Male
1300970159 MOLEX11-1300970159 Datasheet
35Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male
1300970235 MOLEX-1300970235 Datasheet
34Kb / 1P
Deluxe Cord Grips Strain Relief, 1-1/2
07/27/2021
logo
SAB North America
CG100 SAB-CG100 Datasheet
185Kb / 1P
Polyamide 6 Cord Grips
CG100NPT SAB-CG100NPT Datasheet
219Kb / 1P
Polyamide 6 Cord Grips
CG200PG SAB-CG200PG Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
logo
STI Vibration Monitorin...
CMCP262 STI-CMCP262 Datasheet
351Kb / 2P
CMCP262 Series Breakthrough Style Cord Grips
02/07/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com