Electronic Components Datasheet Search
  English  ▼

X  

EP4-21 Datasheet(PDF) 1 Page - SAB North America

Part # EP4-21
Description  EMC Grounding Cable Glands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAB [SAB North America]
Direct Link  https://www.sabcable.com/
Logo SAB - SAB North America

EP4-21 Datasheet(HTML) 1 Page - SAB North America

  EP4-21 Datasheet HTML 1Page - SAB North America  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N
19
Technical data:
Material:
Brass, Nickel Plated
Contact spring:
Special Copper Alloy
Clamping Insert:
Polyamide 6
Seal:
Chloroprene (CR)
O-Ring:
Neoprene (NBR)
Protection type:
IP 68 - 5 Bar
NEMA 4X
Temperature range:
permanent:
-20°C to +100°C
intermittent:
-40°C to +150°C
Flammability:
V2 (according to UL 94)
Approvals:
cURus, cULus, VDE, DNV-GL, CE
Optimal grounding of shielded
cable, bi-directional cable
installation, impact resistant.
C
Part
Number
Thread
Type
Clamping
Range
Ø min-max
Shield
Diameter
Ø min-max
Wrenching Flats
Cap
(SW1)
Thread
Diameter
(TD)
Thread
Length
(TL)
Height
(H)
UL
inches
mm
inches
mm
inches
mm
mm
mm
mm
Metric
EM4-12
M12x1.5
0.118 - 0.256
3.0 - 6.5
0.079 - 0.197
2.0 - 5.0
0.551
14
12.0
6.0
28.0
UR
EM4-16
M16x1.5
0.197 - 0.394
5.0 - 10.0
0.138 - 0.315
3.5 - 8.0
0.787
20
16.0
6.0
33.0
UR
EM4-20
M20x1.5
0.236 - 0.472
6.0 - 12.0
0.177 - 0.394
4.5 - 10.0
0.866
22
20.0
6.0
32.0
UL
EM4-20C
M20x1.5
0.295 - 0.551
7.5 - 14.0
0.217 - 0.453
5.5 - 11.5
0.945
24
20.0
8.0
40.0
UL
EM4-25
M25x1.5
0.394 - 0.709
10.0 - 18.0
0.276 - 0.551
7.0 - 14.0
1.181
30
25.0
8.0
43.0
UL
EM4-32
M32x1.5
0.630 - 0.984
16.0 - 25.0
0.472 - 0.787
12.0 - 20.0
1.575
40
32.0
9.0
53.0
UL
EM4-40
M40x1.5
0.866 - 1.260
22.0 - 32.0
0.709 - 1.063
18.0 - 27.0
1.969
50
40.0
9.0
60.5
UL
EM4-50
M50x1.5
1.181 - 1.496
30.0 - 38.0
1.024 - 1.339
26.0 - 34.0
2.283
58
50.0
9.0
73.0
UL
EM4-63
M63x1.5
1.339 - 1.732
34.0 - 44.0
1.181 - 1.575
30.0 - 40.0
2.520
64
63.0
14.0
59.0
UL
EM4-63C
M63x1.5
1.457 - 2.087
37.0 - 53.0
1.299 - 1.929
33.0 - 49.0
2.953
75
63.0
10.0
75.0
UL
PG¹*
EP4-7
PG 7
0.118 - 0.256
3.0 - 6.5
0.079 - 0.197
2.0 - 5.0
0.551
14
12.5
6.0
28.0
-
EP4-11
PG 11
0.197 - 0.394
5.0 - 10.0
0.138 - 0.315
3.5 - 8.0
0.787
20
18.6
6.0
33.0
-
EP4-13
PG 13.5
0.236 - 0.472
6.0 - 12.0
0.177 - 0.394
4.5 - 10.0
0.866
22
20.4
6.5
31.5
-
EP4-16
PG 16
0.295 - 0.551
7.5 - 14.0
0.217 - 0.453
5.5 - 11.5
0.945
24
22.5
6.5
39.5
-
EP4-21
PG 21
0.394 - 0.709
10.0 - 18.0
0.276 - 0.551
7.0 - 14.0
1.260
32
28.3
7.0
42.5
-
EP4-29
PG 29
0.630 - 0.984
16.0 - 25.0
0.472 - 0.787
12.0 - 20.0
1.575
40
37.0
9.0
52.5
-
EP4-36
PG 36
0.866 - 1.260
22.0 - 32.0
0.709 - 1.063
18.0 - 27.0
1.969
50
47.0
9.0
60.5
-
EP4-42
PG 42
1.181 - 1.496
30.0 - 38.0
1.024 - 1.339
26.0 - 34.0
2.283
58
54.0
12.0
72.5
-
EP4-48
PG 48
1.339 - 1.732
34.0 - 44.0
1.181 - 1.575
30.0 - 40.0
2.520
64
59.3
14.0
58.5
-
NPT+*
EN4-1/4
NPT 1/4
0.118 - 0.256
3.0 - 6.5
0.079 - 0.197
2.0 - 5.0
0.551
14
13.7
11.5
28.0
-
EN4-3/8
NPT 3/8
0.197 - 0.394
5.0 - 10.0
0.138 - 0.315
3.5 - 8.0
0.787
20
17.1
11.5
33.0
-
EN4-1/2
NPT 1/2
0.236 - 0.472
6.0 - 12.0
0.177 - 0.394
4.5 - 10.0
0.866
22
21.3
15.0
37.5
UL
EN4-1/2C
NPT 1/2
0.295 - 0.551
7.5 - 14.0
0.217 - 0.453
5.5 - 11.5
0.945
24
21.3
15.0
39.5
UL
EN4-1/2C-2 NPT 1/2
0.295 - 0.551
7.5 - 14.0
0.217 - 0.453
5.5 - 11.5
0.945
24
21.3
8.0
39.5
UL
EN4-3/4
NPT 3/4
0.394 - 0.709
10.0 - 18.0
0.276 - 0.551
7.0 - 14.0
1.181
30
26.7
15.0
42.5
UL
EN4-1
NPT 1
0.630 - 0.984
16.0 - 25.0
0.472 - 0.787
12.0 - 20.0
1.575
40
33.4
20.0
52.5
UL
EN4-1 1/4
NPT 1 1/4
0.866 - 1.260
22.0 - 32.0
0.709 - 1.063
18.0 - 27.0
1.969
50
42.2
20.0
62.0
UL
EN4-1 1/2
NPT 1 1/2
1.181 - 1.496
30.0 - 38.0
1.024 - 1.339
26.0 - 34.0
2.283
58
48.3
22.0
72.0
UL
EN4-2
NPT 2
1.339 - 1.732
34.0 - 44.0
1.181 - 1.575
30.0 - 40.0
2.519
68
60.3
22.0
71.5
UL
¹ PG - DNV-GL & CE only
+
NPT - cULus, DNV-GL & CE only
* PG & NPT are not NEMA 4X rated
CG EMC-4 Metric / CG EMC-4 PG / CG EMC-4 NPT
Nickel plated brass EMC cable gland, vibration proof
EMC Grounding Cable Glands
866-722-2974
.
info@sabcable.com
www.sabcable.com
Locknuts need to be purchased separately, see page N/20


Similar Part No. - EP4-21

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
VRLA Rechargeable Battery
EP40-12FR BB-BATTERY-EP40-12FR Datasheet
404Kb / 1P
VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12_15 Datasheet
199Kb / 1P
VRLA Rechargeable Battery
logo
Eorex Corporation
EP4001 EOREX-EP4001 Datasheet
343Kb / 10P
High Efficiency, Step-Up Converter with EXT
EP4001 EOREX-EP4001_15 Datasheet
349Kb / 10P
High Efficiency, Step-Up Converter with EXT
More results

Similar Description - EP4-21

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
Rosenberger Hochfrequen...
SLGK002C-C05-060 ROSENBERGER-SLGK002C-C05-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com