Electronic Components Datasheet Search
  English  ▼

X  

35690804 Datasheet(PDF) 1 Page - SAB North America

Part # 35690804
Description  Tray & VFD Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAB [SAB North America]
Direct Link  https://www.sabcable.com/
Logo SAB - SAB North America

35690804 Datasheet(HTML) 1 Page - SAB North America

  35690804 Datasheet HTML 1Page - SAB North America  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FT4 CSA AWM I/II A/B 90°C 1000V FT1 FT2
C
C
®
35691614
16/4c
18/1pr
0.573
14.6
144
®
35691624D
16/4c
16/1pr
0.580
14.7
210
®
35691414
14/4c
18/1pr
0.616
15.6
175
®
35691404
14/4c
14/1pr
0.628
16.0
213
®
35691424D
14/4c
16/1pr
0.626
15.9
257
®
35691464
14/4c
18/2pr
0.662
16.8
254
®
35691214
12/4c
18/1pr
0.654
16.6
231
®
35691224D
12/4c
16/1pr
0.662
16.8
308
®
35691204
12/4c
14/1pr
0.667
16.9
277
®
35691264
12/4c
18/2pr
0.698
17.7
299
®
35691004
10/4c
14/1pr
0.736
18.7
354
®
35691024D
10/4c
16/1pr
0.738
18.7
417
®
35691064
10/4c
18/2pr
0.762
19.4
383
®
35690804
8/4c
14/1pr
0.960
24.4
536
®
35690864
8/4c
18/2pr
0.961
24.4
576
®
35690604
6/4c
14/1pr
1.030
26.2
726
®
35690664
6/4c
16/2pr
1.032
26.2
766
®
35690404
4/4c
14/1pr
1.140
29.0
1011
®
35690464
4/4c
14/2pr
1.192
30.3
1068
®
35690204
2/4c
14/1pr
1.280
32.5
1401
Other dimensions and colors are possible on request.
item no.
AWG/c
AWG/pair
nominal outer-ø
cable
weight
≈lbs/mft
inch
10%
mm
10%
item no.
AWG/c
AWG/pair
nominal outer-ø
cable
weight
≈lbs/mft
inch
10%
mm
10%
D means drain wire in P/N
E
26
* UL TC-ER-JP (joist pull) aavailable upon request
866-722-2974
.
info@sabcable.com
www.sabcable.com
VFD Combo XLPE
Variable frequency drive - double shielded VFD cable with XLPE insulation
and shielded pair, Type TC-ER
Tray & VFD Cables
Marking for VFD Combo XLPE 35691404:
S NORTH AMERICA VFD Combo XLPE P/N 35691404 (UL) Type TC-ER 14AWG/3C RHW-2 CDRS + GNDG CDR + 14AWG/1PR 90C Dry/Wet 600V,
Oil Res I & II, Sunlight Resistant, Direct Burial, (UL) WTTC 1000V, (UL) Flexible Motor Supply Cable, c(UL) CIC-TC XLPE 600V FT4, CSA AWM I/II A/B 90C 1000V FT4 RoHS C
Technical data:
Voltage:
(UL) / c(UL):
600 V
CSA-AWM:
1000 V
(UL) WTTC:
1000 V
Testing voltage:
3000 V
Min. bending radius:
12 x O.D.
Temperature range:
(UL) / c(UL) / CSA-AWM:
up to +90°C
static:
-40/105°C
Burning characteristics:
(UL) / c(UL) FT4, c(UL) / CSA-AWM FT1, FT2
Oil resistance I & II:
yes
Sunlight resistance:
yes
Exposed runs:
yes
Cold bend test:
-40°C
Direct burial:
yes
Approvals:
UL TC-ER, UL WTTC, c(UL) CIC-TC,
CSA AWM, CE, RoHS
Absence of
acc. to RoHS directive of the European Union
harmful substances:
see page O/30
Construction:
Conductor:
tinned copper strands class K
Insulation:
special formulated crosslinked PE,
ground wire: PVC, pair: PVC/Nylon
Color code:
blackish gray conductors with consecutive
white numbers and green/yellow ground,
pair is black with white #5 and #6
Stranding:
in layers
Shielding (pair):
aluminum foil and drain wire
(drain wire same size as pair)
Shielding (overall): double shield, AMA foil and
tinned copper braiding
Jacket material:
special sunlight and oil resistant copolymer
Jacket color:
black (RAL 9005)
● Temperature resistant
down to -40°C
● Heavy duty application
Outstanding features:
●
interconnection of variable frequency drive
control device to variable frequency motors
●
shielded pairs for a brake or
temperature sensor
●
WTTC: UL subject 2277
●
TC-ER: UL standard 1277
●
UL flexible motor supply cable 1000 V
●
crosslinked conductors, better for
longer installations
●
Oil Res I & II
●
double shielded (100% shielded)
●
rated for UL 90°C wet
●
Class 1 Div 2 per NEC Article 501.4 (B)


Similar Part No. - 35690804

ManufacturerPart #DatasheetDescription
logo
MENDA
35690 MENDA-35690 Datasheet
459Kb / 1P
CONDUCTIVE BRUSHES
January 2018
More results

Similar Description - 35690804

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F Datasheet
326Kb / 8P
VFD DRIVER
logo
ELAN Microelectronics C...
EPVP6200 EMC-EPVP6200 Datasheet
442Kb / 57P
VFD Controller
EPVP6300 EMC-EPVP6300 Datasheet
517Kb / 63P
VFD Controller
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F_02 Datasheet
465Kb / 9P
VFD Driver
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
List of Unclassifed Man...
1351331 ETC2-1351331 Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
Cables
26 MAY 21 Rev: R
logo
SAB North America
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
Tray & VFD Cables
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
Tray & VFD Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com