Electronic Components Datasheet Search
  English  ▼

X  

TPL9201PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPL9201PWPR
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL9201PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPL9201PWPR Datasheet HTML 1Page - Texas Instruments TPL9201PWPR Datasheet HTML 2Page - Texas Instruments TPL9201PWPR Datasheet HTML 3Page - Texas Instruments TPL9201PWPR Datasheet HTML 4Page - Texas Instruments TPL9201PWPR Datasheet HTML 5Page - Texas Instruments TPL9201PWPR Datasheet HTML 6Page - Texas Instruments TPL9201PWPR Datasheet HTML 7Page - Texas Instruments TPL9201PWPR Datasheet HTML 8Page - Texas Instruments TPL9201PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
APPLICATIONS
ZVS
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
GND
SYN
V
IN
5V
OUT
SCLK
NCS
MOSI
RST
R
DELAY
EN1
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NORPWPPACKAGE
(TOPVIEW)
DESCRIPTION/ORDERING INFORMATION
TPL9201
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS123A – JUNE 2006 – REVISED JUNE 2006
•
Electrical Appliances
•
Eight Low-Side Drivers With Internal Clamp
for Inductive Loads and Current Limiting for
– Air Conditioning Units
Self Protection
– Ranges
– Seven Outputs Rated at 150 mA and
– Dishwashers
Controlled Through Serial Interface
– Refrigerators
– One Output Rated at 150 mA and
– Microwaves
Controlled Through Serial Interface and
– Washing Machines
Dedicated Enable Pin
•
General-Purpose Interface Circuits, Allowing
•
5-V
±5% Regulated Power Supply With
Microcontroller Interface to Relays, Electric
Motors, LEDs, and Buzzers
200-mA Load Capability at VIN Max of 18 V
•
Internal Voltage Supervisory for Regulated
Output
•
Serial Communications for Control of Eight
Low-Side Drivers
•
Enable/Disable Input for OUT1
•
5-V or 3.3-V I/O Tolerant for Interface to
Microcontroller
•
Programmable Power-On Reset Delay Before
RST Asserted High, Once 5 V Is Within
Specified Range (6 ms Typ)
•
Programmable Deglitch Timer Before RST Is
Asserted Low (40
µs Typ)
•
Zero-Voltage Detection Signal With Built-In
Filter of 20
µs
•
Thermal Shutdown for Self Protection
The power supply provides regulated 5-V output to power the system microcontroller and drive eight low-side
switches. The AC zero-detect circuitry is monitoring the crossover voltage of the mains AC supply. The resultant
signal is a low-frequency clock output on the ZVS terminal, based on the AC-line cycle. This information allows
the microcontroller to reduce in-rush current by powering loads on the AC-line peak voltage.
A serial communications interface controls the eight low-side outputs; each output has an internal snubber circuit
to absorb the energy in the inductor at turn OFF. Alternatively, the system can use a fly-back diode to VIN to help
recirculate the energy in an inductive load at turn OFF.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 20
TPL9201N
TPL9201
–40
°C to 125°C
Reel of 2000
TPL9201PWPR
PowerPAD™ – PWP
IC9201
Tube of 70
TPL9201PWP
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPL9201PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL9201PWPR TI-TPL9201PWPR Datasheet
624Kb / 19P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
TPL9201PWPR TI2-TPL9201PWPR Datasheet
982Kb / 22P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
REVISED FEBRUARY 2008
TPL9201PWPR.A TI2-TPL9201PWPR.A Datasheet
982Kb / 22P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
REVISED FEBRUARY 2008
TPL9201PWPRG4 TI-TPL9201PWPRG4 Datasheet
624Kb / 19P
8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
More results

Similar Description - TPL9201PWPR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
Texas Instruments
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
logo
Texas Instruments
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
logo
International Rectifier
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com