Electronic Components Datasheet Search
  English  ▼

X  

AX88178 Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88178
Description  USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88178 Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88178 Datasheet HTML 20Page - ASIX Electronics Corporation AX88178 Datasheet HTML 21Page - ASIX Electronics Corporation AX88178 Datasheet HTML 22Page - ASIX Electronics Corporation AX88178 Datasheet HTML 23Page - ASIX Electronics Corporation AX88178 Datasheet HTML 24Page - ASIX Electronics Corporation AX88178 Datasheet HTML 25Page - ASIX Electronics Corporation AX88178 Datasheet HTML 26Page - ASIX Electronics Corporation AX88178 Datasheet HTML 27Page - ASIX Electronics Corporation AX88178 Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
AX88178
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
6.2.1.22 GPIO Register (1Fh, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RSE
Reserved
GPO_2
GPO2EN
GPO_1
GPO1EN
GPO_0
GPO0EN
GPO0EN: Pin GPIO0 Output Enable.
1: Output is enabled (meaning GPIO0 is used as an output pin).
0: Output is tri-stated (meaning GPIO0 is used as an input pin) (default).
GPO_0: Pin GPIO0 Output Value.
GPO1EN: Pin GPIO1 Output Enable.
1: Output is enabled (meaning GPIO1 is used as an output pin).
0: Output is tri-stated (meaning GPIO1 is used as an input pin) (default).
GPO_1: Pin GPIO1 Output Value.
0: (default).
GPO2EN: Pin GPIO2 Output Enable.
1: Output is enabled (meaning GPIO2 is used as an output pin).
0: Output is tri-stated (meaning GPIO2 is used as an input pin) (default).
GPO_2: Pin GPIO2 Output Value.
0: (default).
RSE: Reload Serial EEPROM.
1: Enable.
0: Disabled (default)
6.2.1.23 Software Reset Register (20h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0
1
0
BZ
PRL
PRTE
RT
RR
RR: Clear frame length error for Bulk In.
1: set high to clear state.
0: set low to exit clear state (default).
RT: Clear frame length error for Bulk Out.
1: set high to enter clear state.
0: set low to exit clear state (default).
PRTE: External Phy Reset pin Tri-state Enable.
1: Enable, i.e., the external PHYRST_N pin is tri-stated (default). This allows the PHYRST_N pin’s active level to
be controlled by external pulled-up (active high during power-on) or pulled-down resistor (active low during
power-on).
0: Disabled, i.e., the external PHYRST_N pin’s level is driven by either PRL bit or internal “USB RESET” based on
the setting in SCPR bit in Flag byte of EEPROM.
PRL: External Phy Reset pin Level. When SCPR bit = 1 and PRTE = 0, this bit controls the output level of external
PHYRST_N pin.
1: Set to high (default).
0: Set to low.
BZ: Force Bulk In to return a Zero-length packet.
1: Software can force Bulk In to return a zero-length USB packet.
0: Normal operation mode (default).
Bit [7:5]: Please always write 010 to these bits.
ASIX ELECTRONICS CORPORATION
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com