Electronic Components Datasheet Search
  English  ▼

X  

AP2115 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP2115
Description  1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2115 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP2115 Datasheet HTML 11Page - Diodes Incorporated AP2115 Datasheet HTML 12Page - Diodes Incorporated AP2115 Datasheet HTML 13Page - Diodes Incorporated AP2115 Datasheet HTML 14Page - Diodes Incorporated AP2115 Datasheet HTML 15Page - Diodes Incorporated AP2115 Datasheet HTML 16Page - Diodes Incorporated AP2115 Datasheet HTML 17Page - Diodes Incorporated AP2115 Datasheet HTML 18Page - Diodes Incorporated AP2115 Datasheet HTML 19Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Preliminary Datasheet
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115
Jul. 2011 Rev 1. 1
BCD Semiconductor Manufacturing Limited
15
Typical Performance Characteristics (Continued)
Figure 24. PSRR vs. Frequency
Figure 25. Load Transient
IOUT
500mA/div
1A
0A
VOUTAC
50mV/div
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
I
OUT=10mA
I
OUT
=100mA
AP2115_3.3V
T
A
=25
oC
C
IN
=1µF
C
OUT
=4.7µF
Frequency (Hz)
Ripple=1Vp-p
CIN=4.7µF
COUT=4.7µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com