Electronic Components Datasheet Search
  English  ▼

X  

AP2121 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2121
Description  HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2121 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2121 Datasheet HTML 4Page - Diodes Incorporated AP2121 Datasheet HTML 5Page - Diodes Incorporated AP2121 Datasheet HTML 6Page - Diodes Incorporated AP2121 Datasheet HTML 7Page - Diodes Incorporated AP2121 Datasheet HTML 8Page - Diodes Incorporated AP2121 Datasheet HTML 9Page - Diodes Incorporated AP2121 Datasheet HTML 10Page - Diodes Incorporated AP2121 Datasheet HTML 11Page - Diodes Incorporated AP2121 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
8
Dec. 2012 Rev. 2. 6
BCD Semiconductor Manufacturing Limited
HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
VIN=2.2V
1mA
≤IOUT≤30mA
1.176
1.2
1.224
V
Input Voltage
VIN
6V
Output Current
IOUT
VIN-VOUT=1V
200
mA
Load Regulation
VRLOAD
VIN=2.2V
1mA
≤IOUT≤80mA
12
40
mV
Line Regulation
VRLINE
2.2V
≤VIN≤6V
IOUT=30mA
416
mV
Dropout Voltage
VDROP
IOUT=10mA
700
900
mV
IOUT=100mA
700
900
IOUT=150mA
700
900
IOUT=200mA
700
900
Quiescent Current
IQ
VIN=2.2V, IOUT=0mA
25
50
μA
Standby Current
ISTD
VIN=2.2V
VCE in OFF mode
0.1
1
μA
Power Supply
Rejection Ratio
PSRR
Ripple 0.5Vp-p, f=1kHz
VIN=2.2V
70
dB
Output Voltage
Temperature Coefficient
ΔVOUT/ΔT
IOUT=30mA
±120
μV/oC
(
ΔVOUT/VOUT)/ΔT
±100
ppm/oC
Short Current Limit
ILIMIT
VOUT=0V
50
mA
RMS Output Noise
VNOISE
TA=25oC
10Hz
≤f≤100kHz
30
μVrms
CE "High" Voltage
CE input voltage "High"
1.5
V
CE "Low" Voltage
CE input voltage "Low"
0.25
V
CE Pull-down Resistance
RPD
2.5
5
10
M
Ω
Thermal Resistance
(Junction to Case)
θJC
SOT-23-3
74
oC/W
SOT-23-5
74
CSP-4
5
(VIN=2.2V, TJ=25oC, CIN=1μF, COUT=1μF, Bold typeface applies over -40oC≤TJ≤85oC, unless otherwise specified.)
AP2121-1.2 Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com