Electronic Components Datasheet Search
  English  ▼

X  

TLCY610. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLCY610.
Description  Ultrabright LED, Ø 5 mm Untinted Non-Diffused Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLCY610. Datasheet(HTML) 3 Page - Vishay Siliconix

  TLCY610. Datasheet HTML 1Page - Vishay Siliconix TLCY610. Datasheet HTML 2Page - Vishay Siliconix TLCY610. Datasheet HTML 3Page - Vishay Siliconix TLCY610. Datasheet HTML 4Page - Vishay Siliconix TLCY610. Datasheet HTML 5Page - Vishay Siliconix TLCY610. Datasheet HTML 6Page - Vishay Siliconix TLCY610. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLCY610.
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 27-Sep-2021
3
Document Number: 81468
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Maximum Permissible Forward Current vs.
Ambient Temperature
Fig. 2 - Relative Radiant Sensitivity vs. Angular Displacement
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Intensity vs. Wavelength
Fig. 5 - Relative Luminous Flux vs. Forward Current
Fig. 6 - Change of Dominant Wavelength vs. Forward Current
0
10
20
30
40
50
60
0
20
40
60
80
100
120
Tamb - Ambient Temperature (°C)
16710-3
yellow
0.4
0.2
0
94 8351
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
20
40
60
80
100
1.5
1.7
1.9
2.1
2.3
2.5
VF - Forward Voltage (V)
15974-3
yellow
0
0.2
0.4
0.6
0.8
1.0
1.2
540
560
580
600
620
640
λ - Wavelength (nm)
16008
yellow
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
17018
yellow
- 1.5
- 1.0
- 0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17019
I
F - Forward Current (mA)
yellow



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com