Electronic Components Datasheet Search
  English  ▼

X  

1112858 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1112858
Description  Patch cable - NBC-R4ACS/3,0-93K/OE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1112858 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1112858 Datasheet HTML 1Page - PHOENIX CONTACT 1112858 Datasheet HTML 2Page - PHOENIX CONTACT 1112858 Datasheet HTML 3Page - PHOENIX CONTACT 1112858 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Patch cable, degree of protection: IP20, cable length: 3 m, number of positions: 4, 100 Mbps,
CAT5, connection cross section: AWG 23- 22, cable outlet: straight, PROFINET
Your advantages
Perfect for industrial applications
•
PUR cable for moving applications (bend)
•
Worldwide approval with CE, UL, WEEE, and EAC
•
Secure connection and disconnection with reliable locking clip protection
•
Ideal EMC properties, thanks to 360° shielding
•
Simultaneous power transmission with PoE++
•
Resistant to shock and vibrations, thanks to robust molding
•
High-speed data transmission with up to 100 Mbps (CAT5)
•
Commercial Data
Item number
1112858
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
A08
Product Key
ABNAAT
GTIN
4063151034269
Weight per Piece (including packing)
216.5 g
Weight per Piece (excluding packing)
216.5 g
Customs tariff number
85444210
Country of origin
PL
Patch cable - NBC-R4ACS/3,0-93K/OE
1112858
https://www.phoenixcontact.com/us/products/1112858
Feb 10, 2023, 8:11 AM
Page 1 (4)


Similar Part No. - 1112858

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1112858 MACOM-1112858 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - 1112858

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1112869 PHOENIX-1112869 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/3,0-93C/OE
1112874 PHOENIX-1112874 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/3,0-93B/OE
1112927 PHOENIX-1112927 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/5,0-93K/R4ACS
1112928 PHOENIX-1112928 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/3,0-93K/R4ACS
1112931 PHOENIX-1112931 Datasheet
177Kb / 4P
Patch cable - NBC-R4ACS/0,5-93K/R4ACS
1113178 PHOENIX-1113178 Datasheet
176Kb / 4P
Patch cable - NBC-R4ACS/5,0-93K/OE
1113215 PHOENIX-1113215 Datasheet
175Kb / 4P
Patch cable - NBC-R4ACB/3,0-93K/OE
1113333 PHOENIX-1113333 Datasheet
218Kb / 5P
NBC-R4ACS/3,0-93M/OE - Patch cable
1113197 PHOENIX-1113197 Datasheet
230Kb / 8P
NBC-R4ACS/3,0-94F/OE - Patch cable
1113210 PHOENIX-1113210 Datasheet
220Kb / 7P
NBC-R4ACS/3,0-94C/OE - Patch cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com