Electronic Components Datasheet Search
  English  ▼

X  

TLHY420. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHY420.
Description  High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHY420. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHY420. Datasheet HTML 1Page - Vishay Siliconix TLHY420. Datasheet HTML 2Page - Vishay Siliconix TLHY420. Datasheet HTML 3Page - Vishay Siliconix TLHY420. Datasheet HTML 4Page - Vishay Siliconix TLHY420. Datasheet HTML 5Page - Vishay Siliconix TLHY420. Datasheet HTML 6Page - Vishay Siliconix TLHY420. Datasheet HTML 7Page - Vishay Siliconix TLHY420. Datasheet HTML 8Page - Vishay Siliconix TLHY420. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLHG420., TLHO420., TLHR420., TLHY420.
www.vishay.com
Vishay Semiconductors
Rev. 2.3, 26-Feb-18
1
Document Number: 83005
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
DESCRIPTION
The
TLH.42..
series
was
developed
for
standard
applications like general indicating and lighting purposes.
It is housed in a 3 mm tinted clear plastic package. The wide
viewing angle of these devices provides a high on-off
contrast.
Several selection types with different luminous intensities
are offered. All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
FEATURES
• Choice of five bright colors
• Standard T-1 package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Wide viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Status lights
•Off / on indicator
• Background illumination
• Readout lights
• Maintenance lights
•Legend light
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 3 mm
• Product series: standard
• Angle of half intensity: ± 22°
19220
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at
IF
(mA)
WAVELENGTH
(nm)
at
IF
(mA)
FORWARD
VOLTAGE
(V)
at
IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TLHR4200
Red
4
8
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4201
Red
6.3
10
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4205
Red
10
15
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHR4205-AS12Z
Red
10
15
-
10
612
-
625
10
-
2
3
20
GaAsP on GaP
TLHO4200
Soft orange
4
10
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHO4201
Soft orange
10
18
-
10
598
-
611
10
-
2.4
3
20
GaAsP on GaP
TLHY4200
Yellow
4
10
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4201
Yellow
6.3
15
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4205
Yellow
10
20
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHY4205-MS12
Yellow
10
20
-
10
581
-
594
10
-
2.4
3
20
GaAsP on GaP
TLHG4200
Green
6.3
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4200-AS12Z
Green
6.3
10
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4201
Green
10
15
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP
TLHG4205
Green
16
20
-
10
562
-
575
10
-
2.4
3
20
GaP on GaP


Similar Part No. - TLHY420.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHY420 VISHAY-TLHY420 Datasheet
210Kb / 11P
Choice of five bright colors
09-Jan-17
TLHY420 VISHAY-TLHY420 Datasheet
215Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
TLHY4200 VISHAY-TLHY4200 Datasheet
313Kb / 10P
High Efficiency LED, 3 mm Tinted Undiffused Package
31-Aug-04
TLHY4200 VISHAY-TLHY4200 Datasheet
210Kb / 11P
Choice of five bright colors
09-Jan-17
TLHY4200-AS12Z VISHAY-TLHY4200-AS12Z Datasheet
210Kb / 11P
Choice of five bright colors
09-Jan-17
More results

Similar Description - TLHY420.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
03-Jun-09
TLHG44K1M2 VISHAY-TLHG44K1M2 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
TLHG44K1M2 VISHAY-TLHG44K1M2_V01 Datasheet
111Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
28-Oct-2021
TLHK4200 VISHAY-TLHK4200_V02 Datasheet
111Kb / 5P
High Intensity LED in Ø 3 mm Tinted Non-Diffused Package
17-May-2019
TLHK42S1T2 VISHAY-TLHK42S1T2_V02 Datasheet
108Kb / 5P
High Intensity LED in Ø 3 mm Tinted Non-Diffused Package
09-May-2022
TLHR5200 VISHAY-TLHR5200 Datasheet
112Kb / 5P
High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
06-May-2022
TLHY460 VISHAY-TLHY460_V02 Datasheet
185Kb / 9P
High Efficiency LED in Ø 3 mm Tinted Total Diffused Package
15-Sep-2021
TLVG4200 VISHAY-TLVG4200_V01 Datasheet
155Kb / 7P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
05-Jul-2022
TLVY42N1P2-34 VISHAY-TLVY42N1P2-34_V02 Datasheet
141Kb / 5P
Backlighting LED in Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com