Electronic Components Datasheet Search
  English  ▼

X  

TLUG240. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLUG240.
Description  Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUG240. Datasheet(HTML) 4 Page - Vishay Siliconix

  TLUG240. Datasheet HTML 1Page - Vishay Siliconix TLUG240. Datasheet HTML 2Page - Vishay Siliconix TLUG240. Datasheet HTML 3Page - Vishay Siliconix TLUG240. Datasheet HTML 4Page - Vishay Siliconix TLUG240. Datasheet HTML 5Page - Vishay Siliconix TLUG240. Datasheet HTML 6Page - Vishay Siliconix TLUG240. Datasheet HTML 7Page - Vishay Siliconix TLUG240. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLUO2401, TLUY240., TLUG240.
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 05-Jul-2022
4
Document Number: 83053
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Relative Intensity vs. Wavelength
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Relative Luminous Intensity vs. Forward Current
Fig. 7 - Relative Luminous Intensity vs.
Forward Current / Duty Cycle
Fig. 8 - Relative Luminous Intensity vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10094
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
590
610
630
650
670
690
λ - Wavelength (nm)
red
0
0.2
0.4
0.6
0.8
1.2
9510090-2
1.0
0.1
1
10
100
1000
95 10086
VF - Forward Voltage (V)
t p /T = 0.001
t p =10µs
red
10
8
6
4
2
0
IF - Forward Current (mA)
100
red
0.01
0.1
1
10
95 10089
10
1
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10088
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp /T
2.0
red
IFAV = 10 mA, const.
0
0.4
0.8
1.2
1.6
95 10087
red
IF =10mA
Tamb - Ambient Temperature (°C)
20
40
60
80
0
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com