Electronic Components Datasheet Search
  English  ▼

X  

C277LAB4100AF1J Datasheet(PDF) 4 Page - Kemet Corporation

Part # C277LAB4100AF1J
Description  C27, Cylindrical Plastic Case, 275 – 470 VAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C277LAB4100AF1J Datasheet(HTML) 4 Page - Kemet Corporation

  C277LAB4100AF1J Datasheet HTML 1Page - Kemet Corporation C277LAB4100AF1J Datasheet HTML 2Page - Kemet Corporation C277LAB4100AF1J Datasheet HTML 3Page - Kemet Corporation C277LAB4100AF1J Datasheet HTML 4Page - Kemet Corporation C277LAB4100AF1J Datasheet HTML 5Page - Kemet Corporation C277LAB4100AF1J Datasheet HTML 6Page - Kemet Corporation C277LAB4100AF1J Datasheet HTML 7Page - Kemet Corporation C277LAB4100AF1J Datasheet HTML 8Page - Kemet Corporation C277LAB4100AF1J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3062_C27 • 9/9/2022
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Motor Run Capacitors
C27, Cylindrical Plastic Case, 275 – 470 VAC
Table 1 – Ratings & Part Number Reference
Capacitance
Value (µF)
VAC
Maximum Dimensions (mm)
dV/dt
(V/µs)
Termination
Packaging
Quantity
Part Number
D
H
1
470
25
56.5
20
Single faston
162
C274AC24100AA0J
1.25
470
25
58
20
Single faston
162
C274AC24125AA0J
1.5
470
25
58
20
Single faston
162
C274AC24150AA0J
2
470
25
58
20
Single faston
162
C274AC24200AA0J
2.5
470
25
58
20
Single faston
162
C274AC24250AA0J
3
470
25
58
20
Single faston
162
C274AC24300AA0J
4
470
30
56.5
20
Single faston
110
C274AC24400AA0J
5
470
30
56.5
20
Single faston
110
C274AC24500AA0J
6
470
35
56.5
20
Single faston
86
C274AC24600AA0J
6.3
470
35
56.5
20
Single faston
86
C274AC24630AA0J
7
470
35
56.5
20
Single faston
86
C274AC24700AA0J
7.5
470
35
56.5
20
Single faston
86
C274AC24750AA0J
8
470
35
56.5
20
Single faston
86
C274AC24800AA0J
10
470
35
73.5
20
Single faston
86
C274AC25100AA0J
12
470
35
73.5
20
Single faston
86
C274AC25120AA0J
12.5
470
35
73.5
20
Single faston
86
C274AC25125AA0J
16
470
40
73.5
20
Single faston
60
C274AC25160AA0J
25
470
45
93
20
Single faston
50
C274AC25250AA0J
30
470
45
93
20
Single faston
50
C274AC25300AA0J
31.5
470
45
93
20
Single faston
50
C274AC25315AA0J
1
470
25
56.5
20
Double faston
162
C274AC34100AA0J
1.5
470
25
58
20
Double faston
162
C274AC34150AA0J
2
470
25
58
20
Double faston
162
C274AC34200AA0J
2.5
470
25
56.5
20
Double faston
162
C274AC34250AA0J
3
470
25
58
20
Double faston
162
C274AC34300AA0J
4
470
30
56.5
20
Double faston
110
C274AC34400AA0J
5
470
30
56.5
20
Double faston
110
C274AC34500AA0J
6
470
35
56.5
20
Double faston
86
C274AC34600AA0J
6.3
470
35
56.5
20
Double faston
86
C274AC34630AA0J
7
470
35
56.5
20
Double faston
86
C274AC34700AA0J
7.5
470
35
56.5
20
Double faston
86
C274AC34750AA0J
8
470
35
56.5
20
Double faston
86
C274AC34800AA0J
9
470
35
73.5
20
Double faston
86
C274AC34900AA0J
10
470
35
73.5
20
Double faston
86
C274AC35100AA0J
11
470
35
73.5
20
Double faston
86
C274AC35110AA0J
12
470
35
73.5
20
Double faston
86
C274AC35120AA0J
12.5
470
35
73.5
20
Double faston
86
C274AC35125AA0J
14
470
40
73.5
20
Double faston
60
C274AC35140AA0J
15
470
40
73.5
20
Double faston
60
C274AC35150AA0J
16
470
40
73.5
20
Double faston
60
C274AC35160AA0J
18
470
45
74
20
Double faston
50
C274AC35180AA0J
20
470
45
74
20
Double faston
50
C274AC35200AA0J
25
470
45
93
20
Double faston
50
C274AC35250AA0J
30
470
45
93
20
Double faston
50
C274AC35300AA0J
35
470
50
95
20
Double faston
40
C274AC35350AA0J
40
470
50
120
20
Double faston
40
C274AC35400AA0J
50
470
50
120
20
Double faston
40
C274AC35500AA0J
55
470
55
120
20
Double faston
32
C274AC35550AA0J
60
470
55
121
20
Double faston
32
C274AC35600AA0J
1
470
25
55
20
Unipolar flexible cable (tinned end)
162
C274ACA4100AL0J
1.5
470
25
55
20
Unipolar flexible cable (tinned end)
162
C274ACA4150AL0J
2
470
25
55
20
Unipolar flexible cable (tinned end)
162
C274ACA4200AL0J
2.5
470
25
55
20
Unipolar flexible cable (tinned end)
162
C274ACA4250AL0J
3
470
25
55
20
Unipolar flexible cable (tinned end)
162
C274ACA4300AL0J
4
470
30
55
20
Unipolar flexible cable (tinned end)
110
C274ACA4400AL0J
5
470
30
55
20
Unipolar flexible cable (tinned end)
110
C274ACA4500AL0J
6
470
35
55
20
Unipolar flexible cable (tinned end)
86
C274ACA4600AL0J
1
470
25
58.5
20
Unsheathed bipolar cable (tinned end)
162
C274ACF4100LF0J
1.5
470
25
58.5
20
Unsheathed bipolar cable (tinned end)
162
C274ACF4150LF0J
2
470
25
58.5
20
Unsheathed bipolar cable (tinned end)
162
C274ACF4200LF0J
2.5
470
25
58.5
20
Unsheathed bipolar cable (tinned end)
162
C274ACF4250LF0J
3
470
25
58.5
20
Unsheathed bipolar cable (tinned end)
162
C274ACF4300LF0J
Capacitance
Value (µF)
VAC
B (mm)
H (mm)
dV/dt
(V/µs)
Termination
Packaging
Quantity
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com