Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16241 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVT16241
Description  2.5V/3.3V ALVT 16-bit buffer/driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16241 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVT16241 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74ALVT16241
2.5V/3.3V ALVT 16-bit buffer/driver
(3-State)
Product specification
Supersedes data of 1996 Aug 28
IC23 Data Handbook
1998 Feb 13
INTEGRATED CIRCUITS


Similar Part No. - 74ALVT16241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ALVT16240DGG PHILIPS-74ALVT16240DGG Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ALVT16240DL PHILIPS-74ALVT16240DL Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
More results

Similar Description - 74ALVT16241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com