Electronic Components Datasheet Search
  English  ▼

X  

MCP6L714 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6L714
Description  2 MHz, 150 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L714 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6L714 Datasheet HTML 1Page - Microchip Technology MCP6L714 Datasheet HTML 2Page - Microchip Technology MCP6L714 Datasheet HTML 3Page - Microchip Technology MCP6L714 Datasheet HTML 4Page - Microchip Technology MCP6L714 Datasheet HTML 5Page - Microchip Technology MCP6L714 Datasheet HTML 6Page - Microchip Technology MCP6L714 Datasheet HTML 7Page - Microchip Technology MCP6L714 Datasheet HTML 8Page - Microchip Technology MCP6L714 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002145B-page 1
MCP6L71/1R/2/4
Features
• Gain Bandwidth Product: 2 MHz (typical)
• Supply Current: IQ = 150 µA (typical)
• Supply Voltage: 2.0V to 6.0V
• Rail-to-Rail Input/Output
• Extended Temperature Range: -40°C to +125°C
• Available in Single, Dual and Quad Packages
Typical Applications
• Portable Equipment
• Photodiode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems
Design Aids
•FilterLab® Software
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The Microchip Technology Inc. MCP6L71/1R/2/4 family
of operational amplifiers (op amps) supports general
purpose applications. The combination of rail-to-rail
input and output, low quiescent current and bandwidth
fit into many applications.
This family has a 2 MHz Gain Bandwidth Product
(GBWP) and a low 150 µA per amplifier quiescent
current. These op amps operate on supply voltages
between 2.0V and 6.0V, with rail-to-rail input and output
swing. They are available in the extended temperature
range.
Package Types
Inverting Amplifier
MCP6L71
R1
R2
VREF
VIN
VOUT
R3
–
+
VIN-
MCP6L71
SOIC, MSOP
VDD
1
2
3
4
8
7
6
5 NC
NC
NC
VIN+
VSS
VOUT
VINA-
MCP6L72
SOIC, MSOP
VOUTB
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
VINA+
VSS
VINB-
VINA-
MCP6L74
SOIC, TSSOP
VIND-
1
2
3
4
14
13
12
11 VSS
VOUTD
VOUTA
VINA+
VDD
VIND+
5
6
7
10
9
8
VINB+
VINC+
VOUTC
VINB-
VOUTB
VINC-
VSS
1
2
3
5
4
VDD
VOUT
VIN+VIN-
VDD
MCP6L71R
SOT-23-5
1
2
3
5
4
VSS
VOUT
VIN+VIN-
MCP6L71
SOT-23-5
2MHz, 150µA Op Amps


Similar Part No. - MCP6L714

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71 Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
MCP6L71RT MICROCHIP-MCP6L71RT Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
MCP6L71RT-E/MS MICROCHIP-MCP6L71RT-E/MS Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
MCP6L71RT-E/OT MICROCHIP-MCP6L71RT-E/OT Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
MCP6L71RT-E/SL MICROCHIP-MCP6L71RT-E/SL Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
More results

Similar Description - MCP6L714

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71 Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
MCP6V27 MICROCHIP-MCP6V27 Datasheet
1Mb / 46P
620 關A, 2 MHz Auto-Zeroed Op Amps
2011
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6471 MICROCHIP-MCP6471 Datasheet
1Mb / 50P
2 MHz, Low-Input Bias Current Op Amps
2012-2013
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
2.7 MHz, 12V Op Amps
11/29/12
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6L91 MICROCHIP-MCP6L91_V01 Datasheet
940Kb / 40P
10 MHz, 850 μA Op Amps
Revision C October 2019
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com